công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MB91F528M bảng dữ liệu(PDF) 59 Page - SPANSION

tên linh kiện MB91F528M
Giải thích chi tiết về linh kiện  This document states the current technical specifications regarding
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SPANSION [SPANSION]
Trang chủ  http://www.spansion.com
Logo SPANSION - SPANSION

MB91F528M bảng dữ liệu(HTML) 59 Page - SPANSION

Back Button MB91F528M Datasheet HTML 55Page - SPANSION MB91F528M Datasheet HTML 56Page - SPANSION MB91F528M Datasheet HTML 57Page - SPANSION MB91F528M Datasheet HTML 58Page - SPANSION MB91F528M Datasheet HTML 59Page - SPANSION MB91F528M Datasheet HTML 60Page - SPANSION MB91F528M Datasheet HTML 61Page - SPANSION MB91F528M Datasheet HTML 62Page - SPANSION MB91F528M Datasheet HTML 63Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 241 page
background image
D a t a S h e e t
56
MB91F528_DS705-00016-1v0-E, March 28, 2014
CONFIDENTIAL
 MB91F527U, MB91F528U
From Master
To Slave
From Master
To Slave
XBS Crossbar Switch
FR81s CPU core
Instruction
Data
External Bus
I / F
Peripheral Bus
Bridge
CAN prescaler
Watchdog timer (SW and HW)
Delay interrupt
Interrupt controller
RTC / WDT1 Calibration
I/O port setting
Low power consumption setting register
16
32
Wild register
Debug Interface
Regulator
Interrupt request batch read
DMA transfer request generate/clear
Real time clock
Clock supervisor
Clock control (Clock setting,
Main timer, Sub timer, PLL timer)
M P U
Clock control (divide control)
Bus
performance
counter
BackUp RAM
16KB
Timing Protection
Unit
PPG (48ch)
Reload timer (8ch)
8bit DA converter (2ch)
External interrupt input (16ch)
32bit Output compare (6ch)
Base timer (2ch)
U/D counter (2ch)
32bit Free-run timer (3ch)
32bit Input capture (6ch)
Multi-function serial interface (12ch)
DMAC
(16 ch)
CAN (6ch)
CRC
Operation mode
register
Wave generator (6ch)
12bit AD converter (32ch + 16ch)
16bit Free-run timer (3ch)
16bit Input capture (4ch)
Power-on reset
CR oscillator
Low voltage detection
(External power supply low voltage detection)
Reset control register
NMI
Clock monitor
Bus Bridge (32bit <-> 16bit)
RAM ECC Control(XBS RAM)
Clock / Bus Bridge
RAM ECC Control
(BackUp RAM)
Async Bus Bridge (PCLK1 <-> PCLK2)
Bus Bridge (32bit <-> 16bit)
16bit Output compare (6ch)
Async Bus Bridge (PCLK1 <-> PCLK2)
Low voltage detection
(Internal power supply low voltage detection)
RSTX
NMIX
MD0,MD1,P006
RX,TX
D,A,ASX,CS,
RDX,WRX,
SYSCLK,RDY
FRCK
ICU
OCU
TIOA,TIOB
AIN,BIN,ZIN
TIN,TOT
DAO
MONCLK
WOT
INT
TRG,PPG
SOUT,
SIN,
SCK
ADTG,AIN
ADC enable(ADER)
ICU
FRCK
DTTI,RTO
Flex Ray clock control
Flex Ray(1ch)
RXDA-B,TXDA-B,
TXENA-B, STOPWT
Flash
・Main Flash 1600KB/2112KB
・Work Flash
64KB
RAM
192KB/192KB
On chip bus layer 2
On chip bus layer 1
Tuning RAM 0KB/128KB
AHB RAM 0KB/128KB
JTAG I/F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com