| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MB9B100A bảng dữ liệu(PDF) 39 Page - SPANSION |
|
|
|||||||||||||||||||||||||||||
MB9B100A bảng dữ liệu(HTML) 39 Page - SPANSION |
|
39 / 109 page ![]() D a t a S h e e t 36 MB9B100A-DS706-00020-2v0-E, December 15, 2014 CONFIDENTIAL Module Pin name Function Pin No. LQFP- 100 BGA- 112 LQFP- 120 Multi Function Timer 0 DTTI0X_0 Input signal controlling wave form generator outputs RTO00 to RTO05 of multi-function timer 0. 18 F4 23 DTTI0X_1 69 E9 79 FRCK0_0 16-bit free-run timer ch.0 external clock input pin. 13 F1 18 FRCK0_1 70 D11 80 IC00_0 16-bit input capture ch.0 input pin of multi-function timer 0. ICxx desicribes chanel number. 17 G2 22 IC00_1 65 F9 75 IC01_0 16 G1 21 IC01_1 66 E11 76 IC02_0 15 F3 20 IC02_1 67 E10 77 IC03_0 14 F2 19 IC03_1 68 F8 78 RTO00_0 (PPG00_0) Wave form generator output of multi-function timer 0. This pin operates as PPG00 when it is used in PPG 0 output modes. 19 G3 24 RTO00_1 (PPG00_1) 71 D10 86 RTO01_0 (PPG00_0) Wave form generator output of multi-function timer 0. This pin operates as PPG00 when it is used in PPG 0 output modes. 20 H1 25 RTO01_1 (PPG00_1) - - 85 RTO02_0 (PPG02_0) Wave form generator output of multi-function timer 0. This pin operates as PPG02 when it is used in PPG 0 output modes. 21 H2 26 RTO02_1 (PPG02_1) - - 84 RTO03_0 (PPG02_0) Wave form generator output of multi-function timer 0. This pin operates as PPG02 when it is used in PPG 0 output modes. 22 G4 27 RTO03_1 (PPG02_1) - - 83 RTO04_0 (PPG04_0) Wave form generator output of multi-function timer 0. This pin operates as PPG04 when it is used in PPG 0 output modes. 23 H3 28 RTO04_1 (PPG04_1) - - 82 RTO05_0 (PPG04_0) Wave form generator output of multi-function timer 0. This pin operates as PPG04 when it is used in PPG 0 output modes. 24 J2 29 RTO05_1 (PPG04_1) - - 81 |