| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MB9AF342LB bảng dữ liệu(PDF) 39 Page - SPANSION |
|
|
|||||||||||||||||||||||||||||
MB9AF342LB bảng dữ liệu(HTML) 39 Page - SPANSION |
|
39 / 125 page ![]() D a t a S h e e t 36 MB9A340NB_DS706-00039-4v0-E, June 10, 2015 CONFIDENTIAL Pin Function Pin Name Function Description Pin No LQFP- 100 QFP- 100 BGA- 112 LQFP- 80 BGA- 96 LQFP/ QFN- 64 Multi- function Serial 4 SIN4_0 Multi-function serial interface ch.4 input pin 87 65 D7 67 C8 54 SIN4_1 65 43 F9 55 E10 - SIN4_2 82 60 C8 - - - SOT4_0 (SDA4_0) Multi-function serial interface ch.4 output pin. This pin operates as SOT4 when it is used in a UART/CSIO (operation modes 0 to 2) and as SDA4 when it is used in an I 2C (operation mode 4). 88 66 A6 68 C7 55 SOT4_1 (SDA4_1) 66 44 E11 56 E9 - SOT4_2 (SDA4_2) 83 61 D9 - - - SCK4_0 (SCL4_0) Multi-function serial interface ch.4 clock I/O pin. This pin operates as SCK4 when it is used in a UART/ CSIO (operation modes 0 to 2) and as SCL4 when it is used in an I 2C (operation mode 4). 89 67 B6 69 B7 56 SCK4_1 (SCL4_1) 67 45 E10 - - - SCK4_2 (SCL4_2) 84 62 A7 - - - RTS4_0 Multi-function serial interface ch.4 RTS output pin 90 68 C6 70 B6 - RTS4_1 69 47 E9 - - - RTS4_2 86 64 C7 - - - CTS4_0 Multi-function serial interface ch.4 CTS input pin 91 69 A5 71 C6 - CTS4_1 68 46 F8 - - - CTS4_2 85 63 B7 - - - Multi- function Serial 5 SIN5_0 Multi-function serial interface ch.5 input pin 96 74 C4 76 C4 60 SIN5_2 15 93 F3 - - - SOT5_0 (SDA5_0) Multi-function serial interface ch.5 output pin. This pin operates as SOT5 when it is used in a UART/CSIO (operation modes 0 to 2) and as SDA5 when it is used in an I 2C (operation mode 4). 95 73 B4 75 B4 59 SOT5_2 (SDA5_2) 16 94 G1 - - - SCK5_0 (SCL5_0) Multi-function serial interface ch.5 clock I/O pin. This pin operates as SCK5 when it is used in a UART/ CSIO (operation modes 0 to 2) and as SCL5 when it is used in an I 2C (operation mode 4). 94 72 C5 74 C5 58 SCK5_2 (SCL5_2) 17 95 G2 - - - |