| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MB9AF142NB bảng dữ liệu(PDF) 39 Page - SPANSION |
|
|
|||||||||||||||||||||||||||||
MB9AF142NB bảng dữ liệu(HTML) 39 Page - SPANSION |
|
39 / 121 page ![]() D a t a S h e e t 36 MB9A140NB_DS706-00040-4v0-E, June 10, 2015 CONFIDENTIAL Pin Function Pin Name Function Description Pin No LQFP- 100 QFP- 100 BGA- 112 LQFP- 80 BGA- 96 LQFP/ QFN- 64 Multi- function Serial 6 SIN6_0 Multi-function serial interface ch.6 input pin 5 83 D1 5 D1 - SIN6_1 12 90 E4 12 G2 8 SOT6_0 (SDA6_0) Multi-function serial interface ch.6 output pin. This pin operates as SOT6 when it is used in a UART/CSIO (operation modes 0 to 2) and as SDA6 when it is used in an I 2C (operation mode 4). 6 84 D2 6 D2 - SOT6_1 (SDA6_1) 11 89 E3 11 G1 7 SCK6_0 (SCL6_0) Multi-function serial interface ch.6 clock I/O pin. This pin operates as SCK6 when it is used in a UART/CSIO (operation modes 0 to 2) and as SCL6 when it is used in an I 2C (operation mode 4). 7 85 D3 7 D3 - SCK6_1 (SCL6_1) 10 88 E2 10 E3 6 Multi- function Serial 7 SIN7_1 Multi-function serial interface ch.7 input pin 45 23 K8 35 K8 27 SOT7_1 (SDA7_1) Multi-function serial interface ch.7 output pin. This pin operates as SOT7 when it is used in a UART/CSIO (operation modes 0 to 2) and as SDA7 when it is used in an I 2C (operation mode 4). 44 22 J7 34 J7 26 SCK7_1 (SCL7_1) Multi-function serial interface ch.7 clock I/O pin. This pin operates as SCK7 when it is used in a UART/CSIO (operation modes 0 to 2) and as SCL7 when it is used in an I 2C (operation mode 4). 43 21 H6 33 K7 25 |