công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MB9AF141MB bảng dữ liệu(PDF) 39 Page - SPANSION

tên linh kiện MB9AF141MB
Giải thích chi tiết về linh kiện  The MB9A140NB Series are highly integrated
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SPANSION [SPANSION]
Trang chủ  http://www.spansion.com
Logo SPANSION - SPANSION

MB9AF141MB bảng dữ liệu(HTML) 39 Page - SPANSION

Back Button MB9AF141MB Datasheet HTML 35Page - SPANSION MB9AF141MB Datasheet HTML 36Page - SPANSION MB9AF141MB Datasheet HTML 37Page - SPANSION MB9AF141MB Datasheet HTML 38Page - SPANSION MB9AF141MB Datasheet HTML 39Page - SPANSION MB9AF141MB Datasheet HTML 40Page - SPANSION MB9AF141MB Datasheet HTML 41Page - SPANSION MB9AF141MB Datasheet HTML 42Page - SPANSION MB9AF141MB Datasheet HTML 43Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 121 page
background image
D a t a S h e e t
36
MB9A140NB_DS706-00040-4v0-E, June 10, 2015
CONFIDENTIAL
Pin
Function
Pin Name
Function Description
Pin No
LQFP-
100
QFP-
100
BGA-
112
LQFP-
80
BGA-
96
LQFP/
QFN-
64
Multi-
function
Serial
6
SIN6_0
Multi-function serial interface
ch.6 input pin
5
83
D1
5
D1
-
SIN6_1
12
90
E4
12
G2
8
SOT6_0
(SDA6_0)
Multi-function serial interface
ch.6 output pin.
This pin operates as SOT6
when it is used in a
UART/CSIO (operation
modes 0 to 2) and as SDA6
when it is used in an I
2C
(operation mode 4).
6
84
D2
6
D2
-
SOT6_1
(SDA6_1)
11
89
E3
11
G1
7
SCK6_0
(SCL6_0)
Multi-function serial interface
ch.6 clock I/O pin.
This pin operates as SCK6
when it is used in a
UART/CSIO (operation
modes 0 to 2) and as SCL6
when it is used in an I
2C
(operation mode 4).
7
85
D3
7
D3
-
SCK6_1
(SCL6_1)
10
88
E2
10
E3
6
Multi-
function
Serial
7
SIN7_1
Multi-function serial interface
ch.7 input pin
45
23
K8
35
K8
27
SOT7_1
(SDA7_1)
Multi-function serial interface
ch.7 output pin.
This pin operates as SOT7
when it is used in a
UART/CSIO (operation
modes 0 to 2) and as SDA7
when it is used in an I
2C
(operation mode 4).
44
22
J7
34
J7
26
SCK7_1
(SCL7_1)
Multi-function serial interface
ch.7 clock I/O pin.
This pin operates as SCK7
when it is used in a
UART/CSIO (operation
modes 0 to 2) and as SCL7
when it is used in an I
2C
(operation mode 4).
43
21
H6
33
K7
25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More