| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PI3PD22920 bảng dữ liệu(PDF) 2 Page - Pericom Semiconductor Corporation |
|
|
|||||||||||||||||||||||||||||
PI3PD22920 bảng dữ liệu(HTML) 2 Page - Pericom Semiconductor Corporation |
|
2 / 12 page ![]() 2 PI3PD22920 Ultra Small, Low-Input Voltage, Low RON Load Switch www.pericom.com P-0.1 02/14/13 ON VOUT GND VIN Control Logic Charge Pump Functional Block Diagram Pin Description Terminal Description Ball No. Name D1 GND Ground D2 ON Switch Control Input. Active high, do not leave floating. A1, B1,C1 VOUT Switch Output A2, B2,C2 VIN Switch Input. Bypass this input with a ceramic capacitor to ground. ON (Control Input) VIN to VOUT VOUT to GND L OFF ON H ON OFF Function Table 13-0013 |