công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MUX508IPW bảng dữ liệu(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện MUX508IPW
Giải thích chi tiết về linh kiện  Low-Capacitance, Low-Charge-Injection, Precision, Analog Multiplexers
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

MUX508IPW bảng dữ liệu(HTML) 11 Page - Texas Instruments

Back Button MUX508IPW Datasheet HTML 7Page - Texas Instruments MUX508IPW Datasheet HTML 8Page - Texas Instruments MUX508IPW Datasheet HTML 9Page - Texas Instruments MUX508IPW Datasheet HTML 10Page - Texas Instruments MUX508IPW Datasheet HTML 11Page - Texas Instruments MUX508IPW Datasheet HTML 12Page - Texas Instruments MUX508IPW Datasheet HTML 13Page - Texas Instruments MUX508IPW Datasheet HTML 14Page - Texas Instruments MUX508IPW Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
±2
±1
0
1
2
±15
±10
±5
0
5
10
15
Source Voltage (V)
C008
V
DD = 12 V
V
SS = 0 V
V
DD = 10 V
V
SS = ±10 V
V
DD = 15 V
V
SS = ±15 V
±2
±1
0
1
2
±15
±10
±5
0
5
10
15
Source Voltage (V)
C025
V
DD = 12 V
V
SS = 0 V
V
DD = 10 V
V
SS = ±10 V
V
DD = 15 V
V
SS = ±15 V
±900
±600
±300
0
300
600
900
±75
±50
±25
0
25
50
75
100
125
150
Temperature (
ƒC)
C006
I
D(ON)+
I
D(OFF)+
I
S(OFF)+
I
S(OFF)
±
I
D(OFF)
±
I
D(ON)
±
±900
±600
±300
0
300
600
900
±75
±50
±25
0
25
50
75
100
125
150
Temperature (
ƒC)
C007
I
S(OFF)+
I
D(OFF)+
I
D(ON)+
I
S(OFF)
±
I
D(OFF)
±
I
D(ON)
±
0
50
100
150
200
250
0
6
12
18
24
Source or Drain Voltage (V)
C029
0
50
100
150
200
250
±12
±6
0
6
12
Source or Drain Voltage (V)
C024
11
MUX508, MUX509
www.ti.com
SBAS758A – JANUARY 2016 – REVISED MARCH 2016
Product Folder Links: MUX508 MUX509
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Typical Characteristics (continued)
at TA = 25°C, VDD = 15 V, and VSS = –15 V (unless otherwise noted)
VDD = 24 V, VSS = 0 V
Figure 7. On-Resistance vs Source or Drain Voltage
VDD = 12 V, VSS = –12 V
Figure 8. On-Resistance vs Source or Drain Voltage
VDD = 15 V, VSS = –15 V
Figure 9. Leakage Current vs Temperature
VDD = 12 V, VSS = 0 V
Figure 10. Leakage Current vs Temperature
MUX508, source-to-drain
Figure 11. Charge Injection vs Source Voltage
MUX509, source-to-drain
Figure 12. Charge Injection vs Source Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com