công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

IS66WVC2M16ALL bảng dữ liệu(PDF) 4 Page - Integrated Silicon Solution, Inc

tên linh kiện IS66WVC2M16ALL
Giải thích chi tiết về linh kiện  Mixed Mode supports asynchronous write and synchronous read operation
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ISSI [Integrated Silicon Solution, Inc]
Trang chủ  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS66WVC2M16ALL bảng dữ liệu(HTML) 4 Page - Integrated Silicon Solution, Inc

  IS66WVC2M16ALL Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS66WVC2M16ALL Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS66WVC2M16ALL Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS66WVC2M16ALL Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS66WVC2M16ALL Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS66WVC2M16ALL Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS66WVC2M16ALL Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS66WVC2M16ALL Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS66WVC2M16ALL Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 67 page
background image
IS66WVC2M16ALL
4
Rev.A | June 2011
www.issi.com – SRAM@issi.com
Signal Descriptions
All signals for the device are listed below in Table 1.
Symbol
Type
Description
VDD
Power Supply
Core Power supply (1.7V~1.95V)
VDDQ
Power Supply
I/O Power supply (1.7V~1.95V)
VSS
Power Supply
All VSS supply pins must be connected to Ground
VSSQ
Power Supply
All VSSQ supply pins must be connected to Ground
DQ0~DQ15
Input / Output
Data Inputs/Outputs (DQ0~DQ15)
A0~A20
Input
Address Input(A0~A20)
LB#
Input
Lower Byte select
UB#
Input
Upper Byte select
CE#
Input
Chip Enable/Select
OE#
Input
Output Enable
WE#
Input
Write Enable
CRE
Input
Control Register Enable: When CRE is HIGH, READ and WRITE operations
access registers.
ADV#
Input
Address Valid signal
Indicates that a valid address is present on the address inputs. Address
can be latched on the rising edge of ADV# during asynchronous Read and
Write operations. ADV# can be held LOW during asynchronous Read and
Write operations.
CLK
Input
Clock
Latches addresses and commands on the first rising CLK edge when
ADV# is active in synchronous mode. CLK must be kept static Low during
asynchronous Read/Write operations and Page Read access operations.
WAIT
Output
WAIT
Data valid signal during burst Read/Write operation. WAIT is used to
arbitrate collisions between refresh and Read/Write operation. WAIT is
also asserted at the end of a row unless wrapping within the burst length.
WAIT is asserted and should be ignored during asynchronous and page
mode operation. WAIT is gated by CE# and is high-Z when CE# is high.
Table 1. Signal Descriptions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com