công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PCN-21-P-CKB bảng dữ liệu(PDF) 5 Page - Hirose Electric

tên linh kiện PCN-21-P-CKB
Giải thích chi tiết về linh kiện  2mm Hard Metric Coaxial Connector
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HIROSE [Hirose Electric]
Trang chủ  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

PCN-21-P-CKB bảng dữ liệu(HTML) 5 Page - Hirose Electric

  PCN-21-P-CKB Datasheet HTML 1Page - Hirose Electric PCN-21-P-CKB Datasheet HTML 2Page - Hirose Electric PCN-21-P-CKB Datasheet HTML 3Page - Hirose Electric PCN-21-P-CKB Datasheet HTML 4Page - Hirose Electric PCN-21-P-CKB Datasheet HTML 5Page - Hirose Electric PCN-21-P-CKB Datasheet HTML 6Page - Hirose Electric PCN-21-P-CKB Datasheet HTML 7Page - Hirose Electric PCN-21-P-CKB Datasheet HTML 8Page - Hirose Electric PCN-21-P-CKB Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
sBackplane Cable Side: Coaxial 6-contact housing
Product No.
PO21M-6S-PA
PO21M-6S-PA-S
HRS No.
CL330-0300-0
CL330-0301-3
Remark
Compliant to IEC = Style L
Nut insert product for mounting board
B
B
M2.5
(PO21M-6S-PA-S)
AA
(PO21M-6S-PA)
AA
A
A
7.5
7.5
7.5
7.5
0.4
0.55
49.95
3.75
3.75
3.75
3.75
6.25
6.25
3.5
Ø5.1
BRecommended PCB Layout (Component Side)
Connector center line
(Not
plated
through)
(N
ot
p
lated
thro
ug
h)
4-Ø2.6
6-Ø6.1
7.5
7.5
7.5
7.5
6.25
6.25
3.75
3.75
11-Ø2
2
(N
ot
plated
through)
3.75
3.75
+0.05
0
+0.1
0
+0.1
0
Note
The board hole pitch tolerance should be ±0.05mm.
The 4-Ø2.6 hole is needed to use and fix this product
on the board by screws.
* The above pattern shows a layout for PO21M-6S-PA.
PO21M-6-PA-S needs 2 screws (M2.5) to be inserted in area #2 as shown above.
1
2
*



Html Pages

1 2 3 4 5 6 7 8 9 10