công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PI3HDMI301ZLE bảng dữ liệu(PDF) 4 Page - Pericom Semiconductor Corporation

tên linh kiện PI3HDMI301ZLE
Giải thích chi tiết về linh kiện  3:1 Active Switch for HDMI Signals with Optimized Equalization for Enhanced Signal Integrity
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PERICOM [Pericom Semiconductor Corporation]
Trang chủ  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3HDMI301ZLE bảng dữ liệu(HTML) 4 Page - Pericom Semiconductor Corporation

  PI3HDMI301ZLE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3HDMI301ZLE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3HDMI301ZLE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3HDMI301ZLE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3HDMI301ZLE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3HDMI301ZLE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3HDMI301ZLE Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3HDMI301ZLE Datasheet HTML 8Page - Pericom Semiconductor Corporation PI3HDMI301ZLE Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
PS8959B
10/01/09
PI3HDMI301
3:1 Active Switch for HDMI™ Signals with
Optimized Equalization for Enhanced Signal Integrity
ADVANCE INFORMATION - COMPANY CONFIDENTIAL
All trademarks are property of their respective owners.
Pin Description
80 LQFP Pin #
64 TQFN Pin #
Pin Name
I/O
Description
9, 12, 15, 6
7, 9,12, 4
D0+1, D1+1, D2+1, CLK+1
I
Port 1 TMDS Positive inputs
71, 74, 77, 68
57, 59, 62, 54
D0+2, D1+2, D2+2, CLK+2
I
Port 2 TMDS Positive inputs
52, 55, 58, 49
43, 45, 48, 40
D0+3, D1+3, D2+3, CLK+3
I
Port 3 TMDS Positive inputs
8, 11, 14, 5
6, 8, 11, 3
D0-1, D1-1, D2-1, CLK-1
I
Port 1 TMDS Negative inputs
70, 73, 76, 67
56, 58, 61, 53
D0-2, D1-2, D2-2, CLK-2
I
Port 2 TMDS Negative inputs
51, 54, 57, 48
42, 44, 47, 39
D0-3, D1-3, D2-3, CLK-3
I
Port 3 TMDS Negative inputs
4, 10, 16, 24, 30,
36, 37, 47, 53, 59,
65, 66, 72, 78
GND
Ground
80
63
HPD1
O
Port 1 HPD output
62
50
HPD2
O
Port 2 HPD output
44
36
HPD3
O
Port 3 HPD output
40
32
HPD_Sink
I
Sink side hot plug detector input. High: 5-V
power signal asserted from source to sink
and EDID is ready.
Low: No 5-V power signal asserted from
source to sink, or EDID is not ready.
42
34
OE
I
Output Enable, Active LOW
3
2
SCL1
I/O
Port 1 DDC Clock
64
52
SCL2
I/O
Port 2 DDC Clock
46
38
SCL3
I/O
Port 3 DDC Clock
38
31
SCL_Sink
I/O
Sink Side DDC Clock
2
1
SDA1
I/O
Port 1 DDC Data
63
51
SDA2
I/O
Port 2 DDC Data
45
37
SDA3
I/O
Port 3 DDC Data
39
31
SDA_Sink
I/O
Sink Side DDC Data
21, 22, 23
17, 18, 19
S1, S2, S3
I
Source Input Control
7, 13, 17, 27, 33,
43, 50, 56, 61, 69,
75, 79
5, 10, 22, 27, 35,
41, 46, 55, 60
VDD
3.3V Power Supply
31, 28, 25, 34
25, 23, 20, 28
D0+, D1+, D2+, CLK+
O
TMDS positive outputs
32, 29, 26, 35
26, 24, 21, 29
D0-, D1-, D2-, CLK-
O
TMDS negative outputs
41, 60
33, 49
EQ_S0, EQ_S1
I
Equalizer controls, both controls have
internal pull-ups
19, 18, 20, 1
15, 14, 16, 64
OC_S0, OC_S1,
OC_S2, OC_S3
I
Output buffer controls, all control bits have
internal pull-ups
09-0054



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com