| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
GT10-16DP-R bảng dữ liệu(PDF) 2 Page - Hirose Electric |
|
|
|||||||||||||||||||||||||||||
GT10-16DP-R bảng dữ liệu(HTML) 2 Page - Hirose Electric |
|
2 / 8 page ![]() 2 Part Number A Conductor Size (AWG) Outer Diameter 1.1 to 1.3 0.8 to 1.1 Material Copper alloy Finish Tin plating Packaging 10,000 pcs. per reel 16, 1 15, 1 #20 to 22 #24 to 28 GT10-2022SCF GT10-2428SCF CL No. 760-0003-0 760-0009-6 BDiagram of Retainer Fully Mounted BDiagram of Retainer Fully Mounted Part Number CL NO. Item Material Color GT10-16DS-HU 760-0002-7 Housing PBT Light gray Retainer PBT Dark gray F Connectors Center Terminals Housing (with Retainer Provisionally Mounted) Housing Retainer Note: This product has the retainer provisionally mounted to the housing. Note: To use, fully mount the retainer at the specified position after the terminals have been inserted. |