| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DF1B-R26FA bảng dữ liệu(PDF) 6 Page - Hirose Electric |
|
|
|||||||||||||||||||||||||||||
DF1B-R26FA bảng dữ liệu(HTML) 6 Page - Hirose Electric |
|
6 / 17 page ![]() B158 s Single Row Straight Pin Header [Specific No.] –* *, (* *) Blank: Tin plated (01) : Gold plated s Single Row Right Angle Pin Header [Specific No.] –* *, (* *) Blank: Tin plated (01) : Gold plated Note 1.The quantity at the specific No. "None" is delivered by the bag unit (100 pcs.) If needed, please order the product per bag. Note 2.The 2 and 3 contact connector contains the concave portion to prevent miss-insertion in the center at one point, which is different from the above figure.In addition, the 4 to 7 contact connectors have two concave portions at both ends. Unit: mm Part Number CL No. DF1B-11P-2.5DSA(**) DF1B-12P-2.5DSA(**) DF1B-13P-2.5DSA(**) DF1B-14P-2.5DSA(**) DF1B-15P-2.5DSA(**) DF1B-16P-2.5DSA(**) DF1B-18P-2.5DSA(**) DF1B-20P-2.5DSA(**) 541-0234-8-** 541-0235-0-** 541-0236-3-** 541-0237-6-** 541-0238-9-** 541-0239-1-** 541-0240-0-** 541-0241-3-** 11 12 13 14 15 16 18 20 25 27.5 30 32.5 35 37.5 42.5 47.5 30 32.5 35 37.5 40 42.5 47.5 52.5 Number of Contacts A B Part Number CL No. DF1B- 2P-2.5DSA(**) DF1B- 3P-2.5DSA(**) DF1B- 4P-2.5DSA(**) DF1B- 5P-2.5DSA(**) DF1B- 6P-2.5DSA(**) DF1B- 7P-2.5DSA(**) DF1B- 8P-2.5DSA(**) DF1B- 9P-2.5DSA(**) DF1B-10P-2.5DSA(**) 541-0225-7-** 541-0226-0-** 541-0227-2-** 541-0228-5-** 541-0229-8-** 541-0230-7-** 541-0231-0-** 541-0232-2-** 541-0233-5-** 2 3 4 5 6 7 8 9 10 2.5 5 7.5 10 12.5 15 17.5 20 22.5 7.5 10 12.5 15 17.5 20 22.5 25 27.5 Number of Contacts A B Note 1.The quantity at the specific No. "None" is delivered by the bag unit (100 pcs.). If needed, please order the product per bag. Note 2.The 4 and 6 contact connector contains the concave portion to prevent miss-insertion in the center at one point, which is different from the above figure. Unit: mm Part Number CL No. DF1B-11P-2.5DS(**) DF1B-12P-2.5DS(**) DF1B-13P-2.5DS(**) DF1B-14P-2.5DS(**) DF1B-15P-2.5DS(**) DF1B-16P-2.5DS(**) DF1B-18P-2.5DS(**) DF1B-20P-2.5DS(**) 541-0251-7-** 541-0252-0-** 541-0253-2-** 541-0254-5-** 541-0255-8-** 541-0256-0-** 541-0257-3-** 541-0258-6-** 11 12 13 14 15 16 18 20 25 27.5 30 32.5 35 37.5 42.5 47.5 30 32.5 35 37.5 40 42.5 47.5 52.5 Number of Contacts A B Part Number CL No. DF1B- 2P-2.5DS(**) DF1B- 3P-2.5DS(**) DF1B- 4P-2.5DS(**) DF1B- 5P-2.5DS(**) DF1B- 6P-2.5DS(**) DF1B- 7P-2.5DS(**) DF1B- 8P-2.5DS(**) DF1B- 9P-2.5DS(**) DF1B-10P-2.5DS(**) 541-0242-6-** 541-0243-9-** 541-0244-1-** 541-0245-4-** 541-0246-7-** 541-0247-0-** 541-0248-2-** 541-0249-5-** 541-0250-4-** 2 3 4 5 6 7 8 9 10 2.5 5 7.5 10 12.5 15 17.5 20 22.5 7.5 10 12.5 15 17.5 20 22.5 25 27.5 Number of Contacts A B KBoard Through-hole Diameter:Ø1.1+0+0.1 K Board Through-hole Diameter:Ø1.1+0+0.1 |