công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MA4AGSW1A bảng dữ liệu(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

tên linh kiện MA4AGSW1A
Giải thích chi tiết về linh kiện  SPST Non-Reflective AlGaAs PIN Diode Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MA-COM [M/A-COM Technology Solutions, Inc.]
Trang chủ  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MA4AGSW1A bảng dữ liệu(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MA4AGSW1A_15 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MA4AGSW1A_15 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MA4AGSW1A_15 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MA4AGSW1A_15 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MA4AGSW1A_15 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MA4AGSW1A_15 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MA4AGSW1A_15 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MA4AGSW1A_15 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
SPST Non-Reflective AlGaAs PIN Diode Switch
Rev. V6
MA4AGSW1A
2
2
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
2
Electrical Specifications @ TAMB = 25°C
(On-wafer measurements)
Parameter
Ports
Bias Conditions
Frequency Typical
Insertion Loss
J1 - J2
-5V at J1 and B
50GHz
1.2dB
Isolation
J1 - J2(Terminated by 50Ω)
+10mA at J1 and B
50GHz
30dB
Input return Loss
J1- J2
-5V at J1 and B
50GHz
15dB
Output Return Loss
J2- J1
-5V at J1 and B
50GHz
18dB
Output Return Loss
(Isolation)
J2(Terminated by 50Ω)
50GHz
18dB
+10mA at J1 and B
Switching Speed
(10% - 90% RF Voltage)
J1 - J2
±5V PIN TTL Driver
10GHz
10nS
1MHz Repetition Frequency.
Notes:
1. Typical switching speed is measured from 10% to 90% of the detected RF voltage driven by a TTL
compatible driver. Driver output parallel RC network uses a capacitor between 390 pF - 560 pF and
a resistor between 150 - 220 Ohms to achieve 10 ns rise and fall times.
2. Bias nodes, J1 and B may be connected together



Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com