| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PT7C43390ZEE bảng dữ liệu(PDF) 13 Page - Pericom Semiconductor Corporation |
|
|
|||||||||||||||||||||||||||||
PT7C43390ZEE bảng dữ liệu(HTML) 13 Page - Pericom Semiconductor Corporation |
|
13 / 38 page ![]() |||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||| |||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||| 2015-12-0001 PT0280-8 12/11/15 13 PT7C43390/43390C Real-time Clock Module (1) 12-hour mode (status register 1 B6 = 0) Set up 7:00 PM Data written to INT register 1 _(*1) 0 1 1 1 0 0 0 1 1 0 0 0 0 0 0 0 1 B7 B0 Day of the Week Hour Minute _(*1) _(*1) _(*1) _(*1) _(*1) _(*1) *1. Don't care (both of 0 and 1 are acceptable). (2) 24-hour mode (status register 1 B6 = 1) Set up 19:00 PM Data written to INT register 1 0 1 0 0 1 1 0 1(*2) 1 0 0 0 0 0 0 0 1 B7 B0 Day of the Week Hour Minute _(*1) _(*1) _(*1) _(*1) _(*1) _(*1) _(*1) *1. Don't care (both of 0 and 1 are acceptable). *2. Set up AM / PM flag along with the time setting. b. INT Register 1 and INT Register 2 Output of user-set frequency The INT1 and INT2 registers are 1-byte data registers to set up the output frequency. Setting each bit B7 to B3 in the register to "1", the frequency which corresponds to the bit is output in the AND-form. SC2 to SC4 in the INT1 register, and SC5 to SC7 in the INT2 register are 3-bit SRAM type registers that can be freely set by users. 1Hz 2Hz 4Hz 8Hz 16Hz SC2 SC3 SC4 B7 B6 B5 B4 B3 B2 B1 B0 R/W R/W R/W R/W R/W R/W R/W R/W R/W : Read/Write INT Register 1 (Data Register for Output Frequency) 1Hz 2Hz 4Hz 8Hz 16Hz SC5 SC6 SC7 B7 B6 B5 B4 B3 B2 B1 B0 R/W R/W R/W R/W R/W R/W R/W R/W R/W : Read/Write INT Register 2 (Data Register for Output Frequency) |