| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PT7C43390WEX bảng dữ liệu(PDF) 29 Page - Pericom Semiconductor Corporation |
|
|
|||||||||||||||||||||||||||||
PT7C43390WEX bảng dữ liệu(HTML) 29 Page - Pericom Semiconductor Corporation |
|
29 / 38 page ![]() |||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||| |||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||| 2015-12-0001 PT0280-8 12/11/15 29 PT7C43390/43390C Real-time Clock Module Example of Data Reading 2 (3-Byte Data Register) Data writing in the PT7C43390 After detecting a start condition, the PT7C43390 receives device code and command. The PT7C43390 enters the write-data mode by the read / write bit "0". Input data from B7 to B0 in 1-byte. The PT7C43390 outputs an acknowledgment signal "L" every moment that 1-byte data is input. After receiving the acknowledgment signal which is for the last byte-data, input a stop condition to the PT7C43390 to finish access. Example of Data Writing 1 (1-Byte Data Register) Example of Data Reading 2 (3-Byte Data Register) |