| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M08035 bảng dữ liệu(PDF) 18 Page - M/A-COM Technology Solutions, Inc. |
|
|
|||||||||||||||||||||||||||||
M08035 bảng dữ liệu(HTML) 18 Page - M/A-COM Technology Solutions, Inc. |
|
18 / 49 page ![]() Pinout Diagram, Pin Description, and Package Drawing M08035, M08045 Data Sheet V1 MACOM ™ 18 080x5-DSH-001 Figure 3-12. Package Outline Drawing (Amkor) 0.60 DIA. D1/2 D1 D/2 D E1/2 E/2 E1 E 2X A 2X 0.10 B C A N SEATING PLANE 0.05 B C 0.10 2X C 0.10 0.10 2X B A1 A C C C A A3 A2 0 0.10 C 3 2 1 TERMINAL TIP e/2 e (L) (DATUM A OR B) NX R SEE EXPOSED PAD VARIATION SEE EXPOSED PAD VARIATION MAX. 0.50 0.30 PITCH VARIATION D Y SYMBOLS EXPOSED PAD VARIATIONS <STANDARD> 4.20 MIN b D2 E2 L Ne e Nd N O L M B 0.23 0.40 0.18 0.30 10 0.50 BSC NOM. MIN. 10 40 S O B 0.85 0.01 0.65 6.00 BSC 5.75 BSC 5.75 BSC 6.00 BSC 0.20 REF. NOM. 0.42 0.40 0.17 NOTE 0 0 4.40 MAX 4.30 NOM D2 4.20 MIN 4.40 MAX 4.30 NOM E2 0.24 0.30 0.13 R Q P E T O N E E1 D1 D 0.80 0.00 0.60 MIN. A1 A3 A2 A L O 12˚ 0.60 0.65 0.23 - 0.90 0.05 0.70 MAX. E T DIMENSIONS COMMON Y M S N TOP VIEW SIDE VIEW FOR EVEN TERMINAL/SIDE N 3 2 b e 1 L 4X P 4X P E2 E2/2 D2 D2/2 PIN#1 ID R0.20 0.45 (MIN. 0.35) (MIN. 0.35) 0.05 0.10 M M B A C C REF. (Nd-1) X e REF. (Ne-1) X e BOTTOM VIEW |