| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PT7C43390LE bảng dữ liệu(PDF) 30 Page - Pericom Semiconductor Corporation |
|
|
|||||||||||||||||||||||||||||
PT7C43390LE bảng dữ liệu(HTML) 30 Page - Pericom Semiconductor Corporation |
|
30 / 38 page ![]() |||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||| |||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||| 2015-12-0001 PT0280-8 12/11/15 30 PT7C43390/43390C Real-time Clock Module d. Data access Real-time data 1 access *1. Set NO_ACK = 1 when reading. *2. Transmit ACK = 0 from the master device to the RTC when reading. Real-Time Data 1 Access Real-time data 2 access *1. Set NO_ACK = 1 when reading. *2. Transmit ACK = 0 from the master device to the RTC when reading. Real-Time Data 2 Access Status register 1 access and status register 2 access *1. 0: Status register 1 selected, 1: Status register 2 selected *2. Set NO_ACK = 1 when reading. Status Register 1 Access and Status Register 2 Access INT1 register access and INT2 register access In reading / writing the INT1 and INT2 registers, data varies depending on the setting of the status register 2. Be sure to read / write after setting the status register 2. When setting the alarm by using the status register 2, these registers work as 3-byte alarm time data registers, in other statuses, they work as 1-byte registers. When outputting the user-set frequency, they are the data registers to set up the frequency. Regarding details of each data refer to "INT1 register and INT2 register" in "Configuration of Registers". |