công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

NPT2020-SMBPPR bảng dữ liệu(PDF) 4 Page - M/A-COM Technology Solutions, Inc.

tên linh kiện NPT2020-SMBPPR
Giải thích chi tiết về linh kiện  GaN Wideband Transistor 48 V, 50 W
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MA-COM [M/A-COM Technology Solutions, Inc.]
Trang chủ  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

NPT2020-SMBPPR bảng dữ liệu(HTML) 4 Page - M/A-COM Technology Solutions, Inc.

  NPT2020-SMBPPR Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. NPT2020-SMBPPR Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. NPT2020-SMBPPR Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. NPT2020-SMBPPR Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. NPT2020-SMBPPR Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. NPT2020-SMBPPR Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. NPT2020-SMBPPR Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. NPT2020-SMBPPR Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. NPT2020-SMBPPR Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
GaN Wideband Transistor 48 V, 50 W
DC - 3.5 GHz
NPT2020
4
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
Rev. V1
Frequency
(MHz)
ZS
(Ω)
ZL
(Ω)
PSAT
(W)
GSS
(dB)
Drain Efficiency
at PSAT (%)
2700
1.6 - j7.2
2.9 + j2.3
65
16.2
58
3100
1.5 - j8.6
2.9 + j0.6
64
16.1
55
3500
1.9 - j10.7
2.9 - j0.7
62
15.7
53
Load-Pull Performance: VDS = 48 V, IDQ = 350 mA, TC = 25 °C
Reference Plane at Device Leads, CW Drain Efficiency and Output Power Tradeoff Impedance
Gain vs. Output Power
Drain Efficiency vs. Output Power
Impedance Reference
ZS and ZL vs. Frequency
ZS
ZL
11
12
13
14
15
16
17
18
19
30
35
40
45
50
2700 MHz
3100 MHz
3500 MHz
Output Power (dBm)
0
10
20
30
40
50
60
30
35
40
45
50
2700 MHz
3100 MHz
3500 MHz
Output Power (dBm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com