công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

GEN40-19 bảng dữ liệu(PDF) 2 Page - DENSEI-LAMBDA

tên linh kiện GEN40-19
Giải thích chi tiết về linh kiện  Programmable DC Power Supplies 750W/1500W
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LAMBDA [DENSEI-LAMBDA]
Trang chủ  http://www.global.tdk.com/
Logo LAMBDA - DENSEI-LAMBDA

GEN40-19 bảng dữ liệu(HTML) 2 Page - DENSEI-LAMBDA

  GEN40-19 Datasheet HTML 1Page - DENSEI-LAMBDA GEN40-19 Datasheet HTML 2Page - DENSEI-LAMBDA GEN40-19 Datasheet HTML 3Page - DENSEI-LAMBDA GEN40-19 Datasheet HTML 4Page - DENSEI-LAMBDA GEN40-19 Datasheet HTML 5Page - DENSEI-LAMBDA GEN40-19 Datasheet HTML 6Page - DENSEI-LAMBDA GEN40-19 Datasheet HTML 7Page - DENSEI-LAMBDA  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
The GenesysTM family of programmable power supplies sets a new standard for flexible, reliable,
AC/DC power systems in OEM, Industrial and Laboratory applications.
Features include:
• Highest Power Density available 1500W in 1U
• Wide Range Input 85 - 265Vac Continuous, single phase, 47/63Hz
• Active Power Factor Correction 0.99
• Output up to 600V, Current up to 200A
• Built in RS232/RS485 Interface
• Software Calibration
• Last Setting Memory
• High Resolution 16 bits ADCs & DACs
• Reliable Encoders for Voltage and Current Adjustment
• Constant Voltage/Constant Current auto crossover
• Parallel Operation with Active Current Sharing
• Independent Remote ON/OFF and Remote Enable/Disable
• External Analog Programming and Monitoring
• Reliable Modular and SMT Design
• 19" Rack Mounted ATE and OEM applications
• Five Year Warranty
• Optional Isolated Analog Programming and Monitoring
• Optional GPIB (SCPI) Interface
• LabView® drivers ( LabView® is registered trademark of National Instruments Corporation )
Worldwide Safety Agency Approvals CE Mark for LVD and EMC Regulation
Test and Measurement
Last setting memory simplifies test design and requires no battery backup.
Built in RS232/RS485 gives maximum system flexibility along with 0-5V and 0-10V, selectable analog programming
Wide range of available inputs allows testing of many different devices.
Semiconductor Burn-in
Safe Start may be enabled to restart at zero output to protect load.
Wide range input (85-265VAC) with Active Power Factor correction rides through input transients easily.
Component Test
High power density, zero stacking and single wire parallel operation give maximum system flexibility
Laser Diode
OVP is directly set on Voltage Meter, assuring accurate protection settings.
Current Limit Fold Back assures load is protected from current surges.
Heater Supplies
Smooth, reliable encoders enhance front panel control.
Remote analog programming is user selectable 0-5V or 0-10V.
RF Amplifiers and Magnets
Robust design assures stable operation under a wide variety of loads.
Excellent linearity in voltage and current mode.
Applications
Genesys™ power supplies have been designed to meet the demands of a wide variety of applications.
Genesys™ 750W/1500W-1U
1|



Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com