công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PI6LC48L0201 bảng dữ liệu(PDF) 9 Page - Pericom Semiconductor Corporation

tên linh kiện PI6LC48L0201
Giải thích chi tiết về linh kiện  2-Output LVDS Networking Clock Generator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PERICOM [Pericom Semiconductor Corporation]
Trang chủ  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6LC48L0201 bảng dữ liệu(HTML) 9 Page - Pericom Semiconductor Corporation

Back Button PI6LC48L0201 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6LC48L0201 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6LC48L0201 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6LC48L0201 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6LC48L0201 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6LC48L0201 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6LC48L0201 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6LC48L0201 Datasheet HTML 9Page - Pericom Semiconductor Corporation PI6LC48L0201 Datasheet HTML 10Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9
www.pericom.com
PI6LC48L0201
Rev. A
07/23/2013
PI6LC48L0201
2-Output LVDS Networking Clock Generator
LVCMOS to XTAL Interface
The XTAL_IN input can accept a single-ended LVCMOS signal through an AC coupling capacitor. A general interface diagram
is shown in the figure below. The XTAL_OUT pin can be left floating. The input edge rate can be as slow as 10ns. For LVCMOS
signals, it is recommended that the amplitude be reduced from full swing to half swing in order to prevent signal interference with
the power rail and to reduce noise. This configuration requires that the output impedance of the driver (Ro) plus the series resis-
tance (Rs) equals the transmission line impedance. In addition, matched termination at the crystal input will attenuate the signal in
half. This can be done in one of the two ways. First, R1 and R2 in parallel should equal the transmission line empedance. For most
50Ω applications, R1 and R2 can be 100Ω. This can also be accomplished by removing R1 and making R2 50Ω. By overdriving the
crystal oscillator, the device will be functional, but note, the device performance is quaranteed by using a quartz crystal.
V
R2
50Ω
DD
Ro
Rs
Zo = Ro + Rs
R1
XTAL_IN
XTAL_OUT
VDD
0.1µF
Thermal Information
Symbol
Description
Condition
Q
JA
Junction-to-ambient thermal resistance
Still air
84.0 OC/W
Q
JC
Junction-to-case thermal resistance
17.0 OC/W
13-0115



Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com