công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HMC490LP5 bảng dữ liệu(PDF) 5 Page - Hittite Microwave Corporation

tên linh kiện HMC490LP5
Giải thích chi tiết về linh kiện  GaAs PHEMT MMIC LOW NOISE HIGH IP3 AMPLIFIER, 12 - 16 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HITTITE [Hittite Microwave Corporation]
Trang chủ  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC490LP5 bảng dữ liệu(HTML) 5 Page - Hittite Microwave Corporation

  HMC490LP5 Datasheet HTML 1Page - Hittite Microwave Corporation HMC490LP5 Datasheet HTML 2Page - Hittite Microwave Corporation HMC490LP5 Datasheet HTML 3Page - Hittite Microwave Corporation HMC490LP5 Datasheet HTML 4Page - Hittite Microwave Corporation HMC490LP5 Datasheet HTML 5Page - Hittite Microwave Corporation HMC490LP5 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
MICROWAVE CORPORATION
8 - 322
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order Online at www.hittite.com
8
HMC490LP5
GaAs PHEMT MMIC LOW NOISE
HIGH IP3 AMPLIFIER, 12 - 16 GHz
v00.0404
Pin Descriptions
Pin Number
Function
Description
Interface Schematic
1, 2, 6-12,
14-19, 23, 24,
26, 27, 29-31
N/C
No connection. These pins may be connected to RF ground.
Performance will not be affected.
3, 5, 20, 22
GND
Package bottom must also be connected to RF/DC ground.
4
RF IN
This pad is AC coupled and matched to 50 Ohms from
12 - 16 GHz.
13
Vgg
Gate control for amplifier. Adjust to achieve Idd of 200 mA.
Please follow “MMIC Amplifier Biasing Procedure”
Application Note. External bypass capacitors of 100 pF and
0.01
µF are required.
21
RF OUT
This pad is AC coupled and matched to 50 Ohms from
12 - 16 GHz.
25, 28, 32
Vdd3, 2, 1
Power Supply Voltage for the amplifier. External bypass
capacitors of 100 pF and 0.01
µF are required.



Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com