công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DMTH6005LK3 bảng dữ liệu(PDF) 2 Page - Diodes Incorporated

tên linh kiện DMTH6005LK3
Giải thích chi tiết về linh kiện  N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  DIODES [Diodes Incorporated]
Trang chủ  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMTH6005LK3 bảng dữ liệu(HTML) 2 Page - Diodes Incorporated

  DMTH6005LK3 Datasheet HTML 1Page - Diodes Incorporated DMTH6005LK3 Datasheet HTML 2Page - Diodes Incorporated DMTH6005LK3 Datasheet HTML 3Page - Diodes Incorporated DMTH6005LK3 Datasheet HTML 4Page - Diodes Incorporated DMTH6005LK3 Datasheet HTML 5Page - Diodes Incorporated DMTH6005LK3 Datasheet HTML 6Page - Diodes Incorporated DMTH6005LK3 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
DMTH6005LK3
Document number: DS38211 Rev. 2 - 2
2 of 7
www.diodes.com
November 2015
© Diodes Incorporated
DMTH6005LK3
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Units
Drain-Source Voltage
VDSS
60
V
Gate-Source Voltage
VGSS
±20
V
Continuous Drain Current (Note 6)
TC = +25°C
(Note 9)
TC = +100°C
ID
90
A
70
Maximum Body Diode Forward Current (Note 6)
TC = +25C
IS
90
A
Pulsed Drain Current (10µs pulse, duty cycle = 1%)
IDM
150
A
Avalanche Current, L=1mH
IAS
14.8
A
Avalanche Energy, L=1mH
EAS
98
mJ
Thermal Characteristics
Characteristic
Symbol
Value
Units
Total Power Dissipation (Note 5)
TA = +25°C
PD
2.1
W
Thermal Resistance, Junction to Ambient (Note 5)
RJA
38
°C/W
Total Power Dissipation (Note 6)
TC = +25°C
PD
100
W
Thermal Resistance, Junction to Case (Note 6)
RJC
1.5
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +175
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 7 )
Drain-Source Breakdown Voltage
BVDSS
60
V
VGS = 0V, ID = 1mA
Zero Gate Voltage Drain Current
IDSS
1
µA
VDS = 48V, VGS = 0V
Gate-Source Leakage
IGSS
±100
nA
VGS = ±20V, VDS = 0V
ON CHARACTERISTICS (Note 7)
Gate Threshold Voltage
VGS(TH)
1
3
V
VDS = VGS, ID = 250µA
Static Drain-Source On-Resistance
RDS(ON)
4.5
5.6
m
Ω
VGS = 10V, ID = 50A

5.6
7.2
VGS = 6V, ID = 20A
7.9
10
VGS = 4.5V, ID = 12.5A
Diode Forward Voltage
VSD
1.2
V
VGS = 0V, IS = 20A
DYNAMIC CHARACTERISTICS (Note 8)
Input Capacitance
Ciss
2962
pF
VDS = 30V, VGS = 0V,
f = 1MHz
Output Capacitance
Coss
965.2
Reverse Transfer Capacitance
Crss
59.8
Gate Resistance
RG

0.66

Ω
VDS = 0V, VGS = 0V, f = 1MHz
Total Gate Charge (VGS = 10V)
Qg
47.1
nC
VDD = 30V, ID = 50A
Total Gate Charge (VGS = 4.5V)
Qg

23.1

Gate-Source Charge
Qgs
10.2
Gate-Drain Charge
Qgd
12.5
Turn-On Delay Time
tD(ON)
8.3
ns
VDD = 30V, VGS = 10V,
ID = 30A, RG = 3.3Ω
Turn-On Rise Time
tR
9.4
Turn-Off Delay Time
tD(OFF)
22
Turn-Off Fall Time
tF

8.9

Body Diode Reverse Recovery Time
tRR
40.4
ns
IF = 30A, di/dt = 100A/μs
Body Diode Reverse Recovery Charge
QRR

49.7

nC
Notes:
5. Device mounted on FR-4 substrate PC board, 2oz copper, with 1inch square copper pad layout.
6. Thermal resistance from junction to soldering point (on the exposed drain pad).
7. Short duration pulse test used to minimize self-heating effect.
8. Guaranteed by design. Not subject to production testing.
9. Package limited.



Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com