công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ECJ2VC1H181 bảng dữ liệu(PDF) 9 Page - Panasonic Semiconductor

tên linh kiện ECJ2VC1H181
Giải thích chi tiết về linh kiện  Multilayer Ceramic Capacitors (For General Electronic Equipment)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PANASONIC [Panasonic Semiconductor]
Trang chủ  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECJ2VC1H181 bảng dữ liệu(HTML) 9 Page - Panasonic Semiconductor

Back Button ECJ2VC1H181 Datasheet HTML 4Page - Panasonic Semiconductor ECJ2VC1H181 Datasheet HTML 5Page - Panasonic Semiconductor ECJ2VC1H181 Datasheet HTML 6Page - Panasonic Semiconductor ECJ2VC1H181 Datasheet HTML 7Page - Panasonic Semiconductor ECJ2VC1H181 Datasheet HTML 8Page - Panasonic Semiconductor ECJ2VC1H181 Datasheet HTML 9Page - Panasonic Semiconductor ECJ2VC1H181 Datasheet HTML 10Page - Panasonic Semiconductor ECJ2VC1H181 Datasheet HTML 11Page - Panasonic Semiconductor ECJ2VC1H181 Datasheet HTML 12Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
– EC16 –
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Multilayer Ceramic Capacitors(For General Usage)
Rated voltage
DC 50 V
Capaci-
tance
(pF)
Capacitance
Tolerance
Part No.
Dim.
T
(mm)
Temp.
Char.
CK
CJ
CH
CG
0.5 ±0.25 pF (C) ECJ1VC1H0R5C
0.8
——
—
1
±0.25 pF (C)
or
±0.5 pF (D)
ECJ1VC1H010
0.8
——
—
1.5
ECJ1VC1H1R5
0.8
——
—
2
ECJ1VC1H020
0.8
——
—
3
ECJ1VC1H030
0.8
—
——
4
ECJ1VC1H040
0.8
—
—
—
5
ECJ1VC1H050
0.8
—
—
—
6
±0.5 pF (D)
ECJ1VC1H060D
0.8
—
—
—
7
ECJ1VC1H070D
0.8
—
—
—
8
ECJ1VC1H080D
0.8
—
—
—
9
ECJ1VC1H090D
0.8
—
—
—
10
±0.5 pF (D)
or ±1 pF (F)
ECJ1VC1H100
0.8
—
—
12
±5 % (J)
or
±10 % (K)
ECJ1VC1H120
0.8
—
—
15
ECJ1VC1H150
0.8
—
—
18
ECJ1VC1H180
0.8
—
—
22
ECJ1VC1H220
0.8
—
—
27
ECJ1VC1H270
0.8
—
—
33
ECJ1VC1H330
0.8
—
—
39
ECJ1VC1H390
0.8
—
—
47
ECJ1VC1H470
0.8
—
—
56
ECJ1VC1H560
0.8
—
—
68
ECJ1VC1H680
0.8
—
—
82
ECJ1VC1H820
0.8
—
—
100
ECJ1VC1H101
0.8
—
—
120
ECJ1VC1H121
0.8
—
—
150
ECJ1VC1H151
0.8
—
—
180
ECJ1VC1H181
0.8
—
—
220
ECJ1VC1H221
0.8
—
—
270
ECJ1VC1H271
0.8
—
—
330
ECJ1VC1H331
0.8
—
—
390
ECJ1VC1H391
0.8
—
—
470
ECJ1VC1H471
0.8
—
—
560
ECJ1VC1H561
0.8
—
—
680
ECJ1VC1H681
0.8
—
—
820
ECJ1VC1H821
0.8
—
—
1000
ECJ1VC1H102
0.8
—
—
■ Standard Products for EIA “0603”, Taped Version
● Class 1
◆ Temperature Characteristic Code : C (Temp. Char. : C∆)
: Capacitance tolerance code.
Standard packaging quantity of Packaging Style Code “V” (T = 0.8 mm): 4,000 pcs./reel
Recommend soldering method: Reflow soldering.
Rated voltage
DC 50 V
Capaci-
tance
(pF)
Capacitance
Tolerance
Part No.
Dim.
T
(mm)
Temp.
Char.
SL
0.5 ±0.25 pF (C) ECJ1VG1H0R5C
0.8
1
±0.25 pF (C)
or
±0.5 pF (D)
ECJ1VG1H010
0.8
1.5
ECJ1VG1H1R5
0.8
2
ECJ1VG1H020
0.8
3
ECJ1VG1H030
0.8
4
ECJ1VG1H040
0.8
5
ECJ1VG1H050
0.8
6
±0.5 pF (D)
ECJ1VG1H060D
0.8
7
ECJ1VG1H070D
0.8
8
ECJ1VG1H080D
0.8
9
ECJ1VG1H090D
0.8
10
±0.5 pF (D)
or ±1 pF (F)
ECJ1VG1H100
0.8
12
±5 % (J)
or
±10 % (K)
ECJ1VG1H120
0.8
15
ECJ1VG1H150
0.8
18
ECJ1VG1H180
0.8
22
ECJ1VG1H220
0.8
27
ECJ1VG1H270
0.8
33
ECJ1VG1H330
0.8
39
ECJ1VG1H390
0.8
47
ECJ1VG1H470
0.8
56
ECJ1VG1H560
0.8
68
ECJ1VG1H680
0.8
82
ECJ1VG1H820
0.8
100
ECJ1VG1H101
0.8
120
ECJ1VG1H121
0.8
150
ECJ1VG1H151
0.8
180
ECJ1VG1H181
0.8
220
ECJ1VG1H221
0.8
270
ECJ1VG1H271
0.8
330
ECJ1VG1H331
0.8
390
ECJ1VG1H391
0.8
470
ECJ1VG1H471
0.8
560
ECJ1VG1H561
0.8
680
ECJ1VG1H681
0.8
820
ECJ1VG1H821
0.8
1000
ECJ1VG1H102
0.8
◆ Temperature Characteristic Code : G (Temp. Char. : SL)
Sep. 2008
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com