công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ECJ2VC1H151 bảng dữ liệu(PDF) 12 Page - Panasonic Semiconductor

tên linh kiện ECJ2VC1H151
Giải thích chi tiết về linh kiện  Multilayer Ceramic Capacitors (For General Electronic Equipment)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PANASONIC [Panasonic Semiconductor]
Trang chủ  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECJ2VC1H151 bảng dữ liệu(HTML) 12 Page - Panasonic Semiconductor

Back Button ECJ2VC1H151 Datasheet HTML 4Page - Panasonic Semiconductor ECJ2VC1H151 Datasheet HTML 5Page - Panasonic Semiconductor ECJ2VC1H151 Datasheet HTML 6Page - Panasonic Semiconductor ECJ2VC1H151 Datasheet HTML 7Page - Panasonic Semiconductor ECJ2VC1H151 Datasheet HTML 8Page - Panasonic Semiconductor ECJ2VC1H151 Datasheet HTML 9Page - Panasonic Semiconductor ECJ2VC1H151 Datasheet HTML 10Page - Panasonic Semiconductor ECJ2VC1H151 Datasheet HTML 11Page - Panasonic Semiconductor ECJ2VC1H151 Datasheet HTML 12Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
– EC19 –
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Multilayer Ceramic Capacitors(For General Usage)
Rated voltage
DC 50 V
DC 25 V
DC 16 V
DC 10 V
Capaci-
tance
(pF)
Capacitance
Tolerance
Part No.
Dim.
T
(mm)
Temp.
Char.
Part No.
Dim.
T
(mm)
Temp.
Char.
Part No.
Dim.
T
(mm)
Temp.
Char.
Part No.
Dim.
T
(mm)
Temp.
Char.
B X7R X5R
B X7R X5R
B X7R X5R
B X7R X5R
1000
±10 % (K)
or
±20 % (M)
ECJ2VB1H102
0.6
—
1200
ECJ2VB1H122K
0.6
—
1500
ECJ2VB1H152
0.6
—
1800
ECJ2VB1H182K
0.6
—
2200
ECJ2VB1H222
0.6
—
2700
ECJ2VB1H272K
0.6
—
3300
ECJ2VB1H332
0.6
—
3900
ECJ2VB1H392K
0.6
—
4700
ECJ2VB1H472
0.6
—
5600
ECJ2VB1H562K
0.6
—
6800
ECJ2VB1H682
0.6
—
8200
ECJ2VB1H822K
0.6
—
10000
ECJ2VB1H103
0.6
—
12000
ECJ2VB1H123K
0.6
—
15000
ECJ2VB1H153
0.6
—
18000
ECJ2VB1H183K
0.6
—
22000
ECJ2VB1H223
0.6
—
27000
ECJ2VB1H273K 0.85
—
33000
ECJ2VB1H333
0.85
—
39000
ECJ2VB1H393K 0.85
—
47000
ECJ2FB1H473
1.25
— ECJ2VB1E473
0.85
—
56000
ECJ2FB1H563K 1.25
— ECJ2VB1E563K 0.85
—
68000
ECJ2FB1H683
1.25
— ECJ2VB1E683
0.85
—
82000
ECJ2FB1H823K 1.25
— ECJ2VB1E823K 0.85
—
100000
ECJ2FB1H104
1.25
— ECJ2VB1E104
0.85
— ECJ2VB1C104
0.85
—
150000
ECJ2FB1H154
1.25
— ECJ2FB1E154
1.25
— ECJ2VB1C154
0.85
—
220000
ECJ2FB1H224
1.25
— ECJ2FB1E224
1.25
— ECJ2VB1C224
0.85
—
330000
ECJ2FB1E334
1.25
— ECJ2FB1C334
1.25
—
470000
ECJ2FB1E474
1.25
— ECJ2FB1C474
1.25
—
680000
ECJ2FB1E684
1.25✽ ——
ECJ2FB1C684
1.25✽ ——
ECJ2FB1A684
1.25 ——
Rated voltage
DC 50 V
DC 25 V
DC 16 V
Capaci-
tance
(pF)
Capacitance
Tolerance
Part No.
Dim.
T
(mm)
Temp.
Char.
Part No.
Dim.
T
(mm)
Temp.
Char.
Part No.
Dim.
T
(mm)
Temp.
Char.
FY5V
FY5V
F
Y5V
10000
+80,
–20 %(Z)
ECJ2VF1H103Z 0.6
22000
ECJ2VF1H223Z 0.6
47000
ECJ2VF1H473Z 0.6
100000
ECJ2VF1H104Z 0.85
ECJ2VF1E104Z
0.6
ECJ2VF1C104Z 0.6
220000
ECJ2VF1H224Z 0.85
ECJ2VF1E224Z 0.85
ECJ2VF1C224Z 0.6
470000
ECJ2FF1E474Z 1.25
ECJ2VF1C474Z 0.85
■ Standard Products for EIA “0805”, Taped Version
● Class 2
◆ Temperature Characteristic Code : B (Temperature Characteristics : B, X7R, X5R)
Dimensional tolerance of L, W, T: ± 0.1 mm
Standard packaging quantity of Packaging Style Code “V” (T = 0.6 mm): 5,000 pcs./reel, “V” (T = 0.85 mm): 4,000 pcs./reel, “F” (T = 1.25 mm): 3,000 pcs./reel
Soldering method of dimension T>1 mm: Avoid flow soldering.
For capacitance 1 µF or more, see page 6 and 7 for High Capacitance.
: Capacitance tolerance code : “ ” for “K” or “M”
Dimensional tolerance of L, W, T: ± 0.1 mm for no mark, ± 0.15 mm for “
✽” mark
Standard packaging quantity of Packaging Style Code “V” (T = 0.6 mm): 5,000 pcs./reel, “V” (T = 0.85 mm): 4,000 pcs./reel, “F” (T = 1.25 mm): 3,000 pcs./reel
Soldering method of dimension T>1 mm: Avoid flow soldering.
For capacitance 1 µF or more, see page 6 and 7 for High Capacitance.
◆ Temperature Characteristic Code : F (Temperature Characteristics : F, Y5V)
Sep. 2008
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com