| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TLP3083F bảng dữ liệu(PDF) 3 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TLP3083F bảng dữ liệu(HTML) 3 Page - Toshiba Semiconductor |
|
3 / 19 page ![]() TLP3083,TLP3083F 3 6. 6. 6. 6. Product Naming Conventions Product Naming Conventions Product Naming Conventions Product Naming Conventions Type of package used for shipment is denoted by a symbol suffix after a part number. The method of classification is as below. Example) TLP3083(TP1,F(O Part number: TLP3083 Tape type: TP1 (Note 1) (Note 1) (Note 1) (Note 1) [[G]]/RoHS COMPATIBLE: F (Note 2) (Note 2) (Note 2) (Note 2) Domestic ID (Country/Region of origin: Japan): (O Note 1: At the part of tape type, below options are used including lead forming type. TLP3083: LF1, TP1, LF5, TP5 TLP3083F: LF4, TP4 Note 2: Please contact your Toshiba sales representative for details on environmental information such as the product's RoHS compatibility. RoHS is the Directive 2011/65/EU of the European Parliament and of the Council of 8 June 2011 on the restriction of the use of certain hazardous substances in electrical and electronics equipment. 2016-02-03 Rev.5.0 ©2016 Toshiba Corporation |