công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TLP3073 bảng dữ liệu(PDF) 3 Page - Toshiba Semiconductor

tên linh kiện TLP3073
Giải thích chi tiết về linh kiện  Photocouplers GaAs Infrared LED and Photo Triac
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TOSHIBA [Toshiba Semiconductor]
Trang chủ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP3073 bảng dữ liệu(HTML) 3 Page - Toshiba Semiconductor

  TLP3073 Datasheet HTML 1Page - Toshiba Semiconductor TLP3073 Datasheet HTML 2Page - Toshiba Semiconductor TLP3073 Datasheet HTML 3Page - Toshiba Semiconductor TLP3073 Datasheet HTML 4Page - Toshiba Semiconductor TLP3073 Datasheet HTML 5Page - Toshiba Semiconductor TLP3073 Datasheet HTML 6Page - Toshiba Semiconductor TLP3073 Datasheet HTML 7Page - Toshiba Semiconductor TLP3073 Datasheet HTML 8Page - Toshiba Semiconductor TLP3073 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
TLP3073,TLP3073F
3
6.
6.
6.
6. Product Naming Conventions
Product Naming Conventions
Product Naming Conventions
Product Naming Conventions
Type of package used for shipment is denoted by a symbol suffix after a part number. The method of classification
is as below.
Example) TLP3073(TP1,F(O
Part number: TLP3073
Tape type: TP1 (Note 1)
(Note 1)
(Note 1)
(Note 1)
[[G]]/RoHS COMPATIBLE: F (Note 2)
(Note 2)
(Note 2)
(Note 2)
Domestic ID (Country/Region of origin: Japan): (O
Note 1: At the part of tape type, below options are used including lead forming type.
TLP3073: LF1, TP1, LF5, TP5
TLP3073F: LF4, TP4
Note 2: Please contact your Toshiba sales representative for details on environmental information such as the product's
RoHS compatibility.
RoHS is the Directive 2011/65/EU of the European Parliament and of the Council of 8 June 2011 on the
restriction of the use of certain hazardous substances in electrical and electronics equipment.
2016-02-03
Rev.4.0
©2016 Toshiba Corporation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19