| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TLP665L bảng dữ liệu(PDF) 3 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TLP665L bảng dữ liệu(HTML) 3 Page - Toshiba Semiconductor |
|
3 / 18 page ![]() TLP665L,TLP665LF 3 6. 6. 6. 6. Product Naming Conventions (Note) Product Naming Conventions (Note) Product Naming Conventions (Note) Product Naming Conventions (Note) Type of package used for shipment is denoted by a symbol suffix after a part number. The method of classification is as below. Example) TLP665L(TP1,F(O Part number: TLP665L Tape type: TP1 (Note 1) (Note 1) (Note 1) (Note 1) [[G]]/RoHS COMPATIBLE: F (Note) (Note) (Note) (Note) Domestic ID (Country/Region of origin: Japan): (O Note 1: At the part of tape type, below options are used including lead forming type. TLP665L: LF1, TP1, LF5, TP5 TLP665LF: LF4, TP4 Note: Please contact your Toshiba sales representative for details on environmental information such as the product's RoHS compatibility. RoHS is the Directive 2011/65/EU of the European Parliament and of the Council of 8 June 2011 on the restriction of the use of certain hazardous substances in electrical and electronics equipment. 2014-11-07 Rev.1.0 |