| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LS7566R bảng dữ liệu(PDF) 14 Page - LSI Computer Systems |
|
|
|||||||||||||||||||||||||||||
LS7566R bảng dữ liệu(HTML) 14 Page - LSI Computer Systems |
|
14 / 18 page ![]() C Sample Routines for Interfacing with LS7566R #include <stdio.h> #include <stdlib.h> #include <conio.h> /************************************************************************ ADDRESSES ************************************************************************/ #define axis_0 0x00 #define axis_1 0x01 #define axis_2 0x02 #define axis_3 0x03 /************************************************************************ READ ONLY ADDRESSES ************************************************************************/ #define ISR_IMR(arg) (arg + 0) #define STR(arg) (arg + 0x0C) #define OL0(arg) (arg + 0x10) #define OL1(arg) (arg + 0x14) #define OL2(arg) (arg + 0x18) /************************************************************************ WRITE ONLY ADDRESSES ************************************************************************/ #define IMR(arg) (arg + 0) #define PR0(arg) (arg + 0x10) #define PR1(arg) (arg + 0x14) #define PR2(arg) (arg + 0x18) #define CMR(arg) (arg) /************************************************************************ READ / WRITE ADDRESSES ************************************************************************/ #define MDR0(arg) (arg + 0x04) #define MDR1(arg) (arg + 0x08) /************************************************************************ OP CODES ************************************************************************/ /* IMR (Interrupt Mask Register) */ #define Dis_Int_x0 0x00 #define En_Int_x0 0x01 #define Dis_Int_x1 0x00 #define En_Int_x1 0x02 #define Dis_Int_x2 0x00 #define En_Int_x2 0x04 #define Dis_Int_x3 0x00 #define En_Int_x3 0x08 7566R-081507-14 |