| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LS7366R bảng dữ liệu(PDF) 17 Page - LSI Computer Systems |
|
|
|||||||||||||||||||||||||||||
LS7366R bảng dữ liệu(HTML) 17 Page - LSI Computer Systems |
|
17 / 17 page ![]() { }; spi_data = SPDR; // Reset SPIF /*additional bytes can be sent here for multibyte write, e.g., write_DTR*/ Slave_Select_High; // Switch SS/ high for end of command } void singleByteRead(unsigned char op_code) //single byte read command { unsigned char spi_data; Slave_Select_High; // deselect the the LS7366 Slave_Select_Low; // Switch SS/ low for new command SPDR = op_code; // send op_code for read to LS7366 while (!(SPSR & (1<<SPIF))) // Wait for end of transmission { }; spi_data = SPDR; // Reset SPIF SPDR = 0xFF; // Start dummy transmission to read data from LS7366 while (!(SPSR & (1<<SPIF))) // Wait for end of the transmission { }; spi_data = SPDR; // Reset SPIF /*additional bytes can be received here for multibyte read, e.g., read_OTR*/ Slave_Select_High; // Switch SS/ high for end of command return spi_data; } //following example instantiates all macros defined above int main(void) { init_spi_master; load_rst_reg(CLR_CNTR); singleByteWrite(WRITE_MDR0, QUADRX4|FREE_RUN|INDX_LOADC|SYNCH_INDX|FILTER_2); singleByteWrite(WRITE_MDR1, IDX_FLAG|CMP_FLAG|BYTE_2|EN_CNTR); singleByteRead(READ_MDR0); singleByteRead(READ_MDR1); return 0; } 7366R-080511-17 |