| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SP1485ECP bảng dữ liệu(PDF) 7 Page - Sipex Corporation |
|
|
|||||||||||||||||||||||||||||
SP1485ECP bảng dữ liệu(HTML) 7 Page - Sipex Corporation |
|
7 / 11 page ![]() 7 Rev:C Date: 02/26/04 SP1485E Low Power Half-Duplex RS485 Transceivers © Copyright 2004 Sipex Corporation IEC1000-4-2 is shown on Figure 8. There are two methods within IEC1000-4-2, the Air Discharge method and the Contact Discharge method. RC CS RS SW1 SW2 RC Device Under Test DC Power Source CS RS SW1 SW2 Figure 7. ESD Test Circuit for Human Body Model RS and RV add up to 330Ω for IEC1000-4-2. RS and RV add up to 330Ω for IEC1000-4-2. Contact-Discharge Module RV RC CS RS SW1 SW2 RC Device Under Test DC Power Source CS RS SW1 SW2 RV Contact-Discharge Module Figure 8. ESD Test Circuit for IEC1000-4-2 |