| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CDBUC0530LL-HF bảng dữ liệu(PDF) 2 Page - Comchip Technology |
|
|
|||||||||||||||||||||||||||||
CDBUC0530LL-HF bảng dữ liệu(HTML) 2 Page - Comchip Technology |
|
2 / 4 page ![]() Page 2 RATING AND CHARACTERISTIC CURVES (CDBUC0530LL-HF) QW-G1115 Comchip Technology CO., LTD. REV:A SMD Schottky Barrier Diode 0.3 0.0 1 0.5 0.4 0.1 Forward Voltage, VF (mV) Fig.1 - Forward Current vs. Fig.3 - Current Derating Curve 10 100 1000 Fig.2 - Reverse Current vs. Reverse Voltage Forward Voltage 0 10 20 0 10 30 Reverse Voltage, VR (V) Fig.4 - Capacitance Between Terminals Characteristics 20 30 40 50 60 70 O Ambient Temperature, ( C) 20 40 60 80 100 0 25 50 75 100 125 150 0 0.2 O T =100 C J O TJ=125 C O T =75 C J O T =25 C J O T =50 C J 1 10 100 1000 10000 15 0 20 5 10 Reverse Voltage, VR (V) O T =25 C J O T =50 C J O T =75 C J O T =100 C J O Ta=25 C f=1MH Company reserves the right to improve product design , functions and reliability without notice. |