| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
XCL210 bảng dữ liệu(PDF) 2 Page - Torex Semiconductor |
|
|
|||||||||||||||||||||||||||||
XCL210 bảng dữ liệu(HTML) 2 Page - Torex Semiconductor |
|
2 / 24 page ![]() 2/24 XCL210 Series ■ BLOCK DIAGRAM XCL210 Series, Type A/TypeB * XCL210A and B type do not have CL Discharge function. * Diodes inside the circuits are ESD protection diodes and parasitic diodes. XCL210 Series, Type C/TypeD Lx Inductor GND L2 L1 VIN VOUT CE PFM Comparator R2 R1 Synch Buffer Drive PFM Controller Vref Short Protection CFB Current Sense UVLO VIN Start Up Controller CE Controller Logic VDD VDD Lx Inductor GND L2 L1 VIN VOUT CE PFM Comparator R2 R1 Synch Buffer Drive PFM Controller Vref Short Protection CFB Current Sense CL Discharge UVLO VIN Start Up Controller CE Controller Logic VDD VDD |