công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SPX1580T5/TR bảng dữ liệu(PDF) 8 Page - Sipex Corporation

tên linh kiện SPX1580T5/TR
Giải thích chi tiết về linh kiện  7A Ultra Dropout Voltage Regulator Fast Response, Adjustable & Fixed
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SIPEX [Sipex Corporation]
Trang chủ  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX1580T5/TR bảng dữ liệu(HTML) 8 Page - Sipex Corporation

  SPX1580T5/TR Datasheet HTML 1Page - Sipex Corporation SPX1580T5/TR Datasheet HTML 2Page - Sipex Corporation SPX1580T5/TR Datasheet HTML 3Page - Sipex Corporation SPX1580T5/TR Datasheet HTML 4Page - Sipex Corporation SPX1580T5/TR Datasheet HTML 5Page - Sipex Corporation SPX1580T5/TR Datasheet HTML 6Page - Sipex Corporation SPX1580T5/TR Datasheet HTML 7Page - Sipex Corporation SPX1580T5/TR Datasheet HTML 8Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
8
Date: 5/14/04
SPX1580 7A Ultra Dropout Voltage Regulator
©Copyright 2004 Sipex Corporation
Corporation
ANALOG EXCELLENCE
Sipex Corporation reserves the right to make changes to any products described herein. Sipex does not assume any liability arising out of the
application or use of any product or circuit described herein; neither does it convey any license under its patent rights nor the rights of others.
Sipex Corporation
Headquarters and
Sales Office
233 South Hillview Drive
Milpitas, CA 95035
TEL: (408) 934-7500
FAX: (408) 935-7600
Part Number
Operating Temperature Range
Package Type
SPX1580U5 ................................................ -40°C to +85°C ........................................................ 5 Pin TO-220
SPX1580U5-2.5 .......................................... -40°C to +85°C ....................................................... 5 Pin TO-220
SPX1580U5-3.3 .......................................... -40°C to +85°C ....................................................... 5 Pin TO-220
SPX1580T5 ................................................ -40°C to +85°C ........................................................ 5 Pin TO-263
SPX1580T5/TR .......................................... -40°C to +85°C ........................................................ 5 Pin TO-263
SPX1580T5-2.5 .......................................... -40°C to +85°C ....................................................... 5 Pin TO-263
SPX1580T5-2.5/TR .................................... -40°C to +85°C ....................................................... 5 Pin TO-263
SPX1580T5-3.3 .......................................... -40°C to +85°C ....................................................... 5 Pin TO-263
SPX1580T5-3.3/TR .................................... -40°C to +85°C ....................................................... 5 Pin TO-263
/TR = Tape and Reel
Pack quantity is 500 for TO-263.
ORDERING INFORMATION
Available in lead free packaging. To order add "-L" suffix to part number.
Example: SPX1582T5-3.3/TR = standard; SPX1580T5-L-3.3/TR = lead free



Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com