công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TPD4151K bảng dữ liệu(PDF) 4 Page - Toshiba Semiconductor

tên linh kiện TPD4151K
Giải thích chi tiết về linh kiện  TOSHIBA Intelligent Power Device High Voltage Monolithic Silicon Power IC
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TOSHIBA [Toshiba Semiconductor]
Trang chủ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPD4151K bảng dữ liệu(HTML) 4 Page - Toshiba Semiconductor

  TPD4151K Datasheet HTML 1Page - Toshiba Semiconductor TPD4151K Datasheet HTML 2Page - Toshiba Semiconductor TPD4151K Datasheet HTML 3Page - Toshiba Semiconductor TPD4151K Datasheet HTML 4Page - Toshiba Semiconductor TPD4151K Datasheet HTML 5Page - Toshiba Semiconductor TPD4151K Datasheet HTML 6Page - Toshiba Semiconductor TPD4151K Datasheet HTML 7Page - Toshiba Semiconductor TPD4151K Datasheet HTML 8Page - Toshiba Semiconductor TPD4151K Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
TPD4151K
2014-04-07
4
Pin Description
Pin No.
Symbol
Pin Description
1
GND
Ground pin.
2
HU+
U-phase Hall amp signal input pin. (Hall IC can be used.)
3
HU-
U-phase Hall amp signal input pin. (Hall IC can be used.)
4
HV+
V-phase Hall amp signal input pin. (Hall IC can be used.)
5
HV-
V-phase Hall amp signal input pin. (Hall IC can be used.)
6
HW+
W-phase Hall amp signal input pin. (Hall IC can be used.)
7
HW-
W-phase Hall amp signal input pin. (Hall IC can be used.)
8
FR
Forward/Reverse selection pin.
9
FG
Rotation pulse output pin.
10
VREG
6 V regulator output pin.
11
VCC
Control power supply pin.
12
OS
PWM triangular wave oscillation frequency setup pin. (Connect a capacitor to this pin.)
13
RREF
PWM triangular wave oscillation frequency setup pin. (Connect a resistor to this pin.)
14
VS
Speed control signal input pin. (PWM reference voltage input pin.)
15
RS
Over current detection pin.
16
GND
Ground pin.
17
BSU
U-phase bootstrap capacitor connecting pin.
18
U
U-phase output pin.
19
NC
Unused pin, which is not connected to the chip internally.
20
IS1
IGBT emitter/FRD anode pin.
21
V
V-phase output pin.
22
BSV
V-phase bootstrap capacitor connecting pin.
23
VBB
High-voltage power supply input pin.
24
BSW
W-phase bootstrap capacitor connecting pin.
25
W
W-phase output pin.
26
IS2
IGBT emitter/FRD anode pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com