| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SP8043W bảng dữ liệu(PDF) 5 Page - Sipex Corporation |
|
|
|||||||||||||||||||||||||||||
SP8043W bảng dữ liệu(HTML) 5 Page - Sipex Corporation |
|
5 / 5 page ![]() SP8043 Rev 0.8 (05-24-04) SP8043 Ten-Channel Photo detector IC SIPEX RESERVES THE RIGHT TO MAKE CHANGES TO THIS DATASHEET. CALL FOR UPDATES: 1-978-667-8700. SIPEX CONFIDENTIAL, PRELIMINARY & PROPRIETARY. DO NOT DISTRIBUTE OR COPY page 5 of 5 PHOTO DETECTOR PATTERN Note: 1. Detector size units: µm 2. Separation between segments < 5 µm 3. PD array is rotated clockwise by 45º in CFP package (as shown on page 3) and by 135º in FLGA package (as shown on page 4) ORDERING INFORMATION Part number Temperature range Package Type SP8043DC -30 + 80 0C 16-pin Clear Mold Flatpack (CFP) SP8043DG1 -30 + 80 0C 16-pin Flexible Land Grid Array (FLGA) SP8043W -30 + 80 0C Wafer |