| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SP505AB bảng dữ liệu(PDF) 16 Page - Sipex Corporation |
|
|
|||||||||||||||||||||||||||||
SP505AB bảng dữ liệu(HTML) 16 Page - Sipex Corporation |
|
16 / 36 page ![]() 16 Rev. 7/9/03 SP505 Multi–Mode Serial Transceiver © Copyright 2003 Sipex Corporation PINOUT… PIN ASSIGNMENTS… CLOCK AND DATA GROUP Pin 1 — RxD — Receive Data; TTL output, sourced from RD(a) and RD(b) inputs. Pin 14 — TxD — TTL input ; transmit data source for SD(a) and SD(b) outputs. Pin 15 — TxC — Transmit Clock; TTL input for TT driver outputs. Pin 20 — RxC — Receive Clock; TTL output sourced from RT(a) and RT(b) inputs. Pin 22 — ST — Send Timing; TTL input; source for ST(a) and ST(b) outputs. Pin 37 — RT(a) — Receive Timing; analog input, inverted; source for RxC. Pin 38 — RT(b) — Receive Timing; analog input, non-inverted; source for RxC. Pin 42 — ST(a) — Send Timing; analog output, inverted; sourced from ST. Pin 44 — ST(b) — Send Timing; analog output, non-inverted; sourced from ST. Pin 59 — SD(b) — Analog Out — Send data, non-inverted; sourced from TxD. Pin 61 — SD(a) — Analog Out — Send data, inverted; sourced from TxD. Pin 63 — TT(a) — Analog Out — Terminal Timing, inverted; sourced from TxC Pin 65 — TT(b) — Analog Out — Terminal Timing, non–inverted; sourced from TxC. Pin 70 — RD(a) — Receive Data, analog input; inverted; source for RxD. Pin 71 — RD(b) — Receive Data; analog input; non-inverted; source for RxD. Pin 76 — SCT(a) — Serial Clock Transmit; analog input, inverted; source for SCT. Pin 77 — SCT(b) — Serial Clock Transmit: analog input, non–inverted; source for SCT Pin 79 — SCT — Serial Clock Transmit; TTL output; sources from SCT(a) and SCT(b) inputs. CONTROL LINE GROUP Pin 13 — DTR — Data Terminal Ready; TTL input; source for TR(a) and TR(b) outputs. Pin 16 — RTS — Ready To Send; TTL input; source for RS(a) and RS(b) outputs. Pin 17 — RL — Remote Loopback; TTL input; source for RL(a) and RL(b) outputs. Pin 19 — DCD— Data Carrier Detect; TTL output; sourced from RR(a) and RR(b) inputs. Pin 21 — RI — Ring In; TTL output; sourced from IC(a) and IC(b) inputs. Pin 24 — LL — Local Loopback; TTL input; source for LL(a) and LL(b) outputs. Pin 35 — RR(a)— Receiver Ready; analog input, inverted; source for DCD. Pin 36 — RR(b)— Receiver Ready; analog input, non-inverted; source for DCD. Pin 39 — IC(a)— Incoming Call; analog input, inverted; source for RI. Pin 40 — IC(b)— Incoming Call; analog input,non-inverted; source for RI. RxD 1 SDEN 2 TREN 3 RSEN 4 LLEN 5 TTEN 6 SCTEN 7 LATCH 8 DEC3 9 DEC2 10 DEC1 11 DEC0 12 DTR 13 TxD 14 TxC 15 RTS 16 RL 17 RLEN 18 DCD 19 RxC 20 60 GND 59 SD(b) 58 TR(a) 57 GND 56 TR(b) 55 VCC 54 RS(a) 53 GND 52 RS(b) 51 LL(a) 50 GND 49 LL(b) 48 VCC 47 RL(a) 46 GND 45 RL(b) 44 ST(b) 43 GND 42 ST(a) 41 VCC SP505 |