| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SP211BCA bảng dữ liệu(PDF) 14 Page - Sipex Corporation |
|
|
|||||||||||||||||||||||||||||
SP211BCA bảng dữ liệu(HTML) 14 Page - Sipex Corporation |
|
14 / 15 page ![]() REV: A DATE:12/03/2003 +5V High-Speed RS232 Transceivers © Copyright 2000 Sipex Corporation 14 ORDERING INFORMATION RS-232 Transceivers: Model .......... Drivers ............... Receivers ..................... Temperature Range ................. Package Type SP207CA .......... 5 ............................. 3 ................................ 0°C to +70°C .............................. 24–pin SSOP SP207CP .......... 5 ............................. 3 ................................ 0°C to +70°C ...................... 24–pin Plastic DIP SP207CT .......... 5 ............................. 3 ................................ 0°C to +70°C ............................... 24–pin SOIC SP207EA .......... 5 ............................. 3 ............................ –40°C to +85°C .............................. 24–pin SSOP SP207EP .......... 5 ............................. 3 ............................ –40°C to +85°C ...................... 24–pin Plastic DIP SP207ET .......... 5 ............................. 3 ............................ –40°C to +85°C ............................... 24–pin SOIC SP208CA .......... 4 ............................. 4 ................................ 0°C to +70°C .............................. 24–pin SSOP SP208CP .......... 4 ............................. 4 ................................ 0°C to +70°C ...................... 24–pin Plastic DIP SP208CT .......... 4 ............................. 4 ................................ 0°C to +70°C ............................... 24–pin SOIC SP208EA .......... 4 ............................. 4 ............................ –40°C to +85°C .............................. 24–pin SSOP SP208EP .......... 4 ............................. 4 ............................ –40°C to +85°C ...................... 24–pin Plastic DIP SP208ET .......... 4 ............................. 4 ............................ –40°C to +85°C ............................... 24–pin SOIC RS-232 Transmitters: Model .......... Drivers ............... Receivers ..................... Temperature Range ................. Package Type SP204CP .......... 4 ............................. 0 ................................ 0°C to +70°C ...................... 16–pin Plastic DIP SP204CT .......... 4 ............................. 0 ................................ 0°C to +70°C ............................... 16–pin SOIC SP204EP .......... 4 ............................. 0 ............................ –40°C to +85°C ...................... 16–pin Plastic DIP SP204ET .......... 4 ............................. 0 ............................ –40°C to +85°C ............................... 16–pin SOIC RS-232 Transmitters with Low–Power Shutdown: Model .......... Drivers ............... Receivers ..................... Temperature Range ................. Package Type SP200CP .......... 5 ............................. 0 ................................ 0°C to +70°C ...................... 20–pin Plastic DIP SP200CT .......... 5 ............................. 0 ................................ 0°C to +70°C ............................... 20–pin SOIC SP200EP .......... 5 ............................. 0 ............................ –40°C to +85°C ...................... 20–pin Plastic DIP SP200ET .......... 5 ............................. 0 ............................ –40°C to +85°C ............................... 20–pin SOIC RS-232 Transceivers with Low–Power Shutdown and Tri–state Enable: Model .......... Drivers ............... Receivers ..................... Temperature Range ................. Package Type SP205CP .......... 5 ............................. 5 ................................ 0°C to +70°C ... 24–pin Plastic Double–Width DIP SP205EP .......... 5 ............................. 5 ............................ –40°C to +85°C ... 24–pin Plastic Double–Width DIP SP206CA .......... 4 ............................. 3 ................................ 0°C to +70°C .............................. 24–pin SSOP SP206CP .......... 4 ............................. 3 ................................ 0°C to +70°C ...................... 24–pin Plastic DIP SP206CT .......... 4 ............................. 3 ................................ 0°C to +70°C ............................... 24–pin SOIC SP206EA .......... 4 ............................. 3 ............................ –40°C to +85°C .............................. 24–pin SSOP SP206EP .......... 4 ............................. 3 ............................ –40°C to +85°C ...................... 24–pin Plastic DIP SP206ET .......... 4 ............................. 3 ............................ –40°C to +85°C ............................... 24–pin SOIC SP211CA .......... 4 ............................. 5 ................................ 0°C to +70°C .............................. 28–pin SSOP SP211CT .......... 4 ............................. 5 ................................ 0°C to +70°C ............................... 28–pin SOIC SP211EA .......... 4 ............................. 5 ............................ –40°C to +85°C .............................. 28–pin SSOP SP211ET .......... 4 ............................. 5 ............................ –40°C to +85°C ............................... 28–pin SOIC |