công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M8HC-7 bảng dữ liệu(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

tên linh kiện M8HC-7
Giải thích chi tiết về linh kiện  Double-Balanced Mixer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MA-COM [M/A-COM Technology Solutions, Inc.]
Trang chủ  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M8HC-7 bảng dữ liệu(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  M8HC-7 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. M8HC-7 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. M8HC-7 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. M8HC-7 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Double-Balanced Mixer
Rev. V2
M8H-7 / M8HC-7
1
1
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
1
Features
 LO 2 TO 6 GHz
 RF 2.4 TO 6 GHz
 IF 0 TO 2000 MHz
 LO DRIVE +7 dBm (nominal)
 HIGH ISOLATION 40 dB (TYP.)
Description
The M8H-7 is a double balanced mixer, designed for use in
military, commercial and test equipment applications. The design
utilizes Schottky ring quad diodes and broadband soft dielectric
and ferrite baluns to attain excellent performance. This mixer can
also be used as a phase detector and/or bi-phase modulator since
the IF port is DC coupled to the diodes.
The use of high
temperature solder and welded assembly processes used
internally makes it ideal for use in manual, semi-automated
assembly. Environmental screening available to MIL-STD-883,
MIL-STD-202, or MIL-DTL-28837, consult factory.
Ordering Information
Part Number
Package
M8H-7
TO-8
M8HC-7
SMA Connectorized
Electrical Specifications: Z0 = 50 Lo = +7 dBm (Downconverter Application only)
Parameter
Test Conditions
Units
Typical
Guaranteed
25ºC
0º to 50ºC
-54º to +85ºC
SSB Conversion Loss &
SSB Noise Figure (max)
fR=3.7 to 4.2 GHz, fL=2 to 6 GHz, fI=0.03 to 2 GHz
fR=2.4 to 6 GHz, fL=2 to 6 GHz, fI=0.03 to 2 GHz
dB
dB
5.0
7.0
7.0
9.0
7.5
9.5
Isolation, L to R (min)
fL = 2 to 4 GHz
fL = 4 to 6 GHz
dB
dB
42
37
32
25
30
23
Isolation, L to I (min)
fL = 2 to 6 GHz
dB
21
16
14
1 dB Conversion
Compression
fL @ +7 dBm
dBm
+0
Input IP3
dBm
+13
Product Image


Số phần tương tự - M8HC-7

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Tyco Electronics
M8HC-7 MACOM-M8HC-7 Datasheet
296Kb / 3P
Double-Balanced Mixer
logo
M/A-COM Technology Solu...
M8HC-7 MA-COM-M8HC-7 Datasheet
967Kb / 3P
Double-Balanced Mixer
M8HC-7 MA-COM-M8HC-7 Datasheet
968Kb / 3P
Load Insensitive Mixer
M8HC-7 MA-COM-M8HC-7_15 Datasheet
968Kb / 3P
Load Insensitive Mixer
More results

Mô tả tương tự - M8HC-7

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
SGM-2-17 ETC1-SGM-2-17 Datasheet
253Kb / 4P
DOUBLE-BALANCED MIXER DOUBLE-BALANCED MIXER
logo
Tyco Electronics
M2B MACOM-M2B Datasheet
331Kb / 3P
Double-Balanced Mixer
M6D-50 MACOM-M6D-50_1 Datasheet
222Kb / 3P
Double-Balanced Mixer
M6R MACOM-M6R Datasheet
187Kb / 3P
Double-Balanced Mixer
M9BC MACOM-M9BC Datasheet
167Kb / 2P
Double-Balanced Mixer
M74 MACOM-M74 Datasheet
431Kb / 3P
Double-Balanced Mixer
M76 MACOM-M76 Datasheet
495Kb / 3P
Double-Balanced Mixer
logo
M/A-COM Technology Solu...
M2E MA-COM-M2E Datasheet
127Kb / 3P
Double-Balanced Mixer
M1G MA-COM-M1G Datasheet
97Kb / 3P
Double-Balanced Mixer
M6D-50 MA-COM-M6D-50 Datasheet
658Kb / 3P
Double-Balanced Mixer
More results


Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com