công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SP3223EBEP bảng dữ liệu(PDF) 25 Page - Sipex Corporation

tên linh kiện SP3223EBEP
Giải thích chi tiết về linh kiện  Intelligent 3.0V to 5.5V RS-232 Transceivers
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SIPEX [Sipex Corporation]
Trang chủ  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP3223EBEP bảng dữ liệu(HTML) 25 Page - Sipex Corporation

Back Button SP3223EBEP Datasheet HTML 17Page - Sipex Corporation SP3223EBEP Datasheet HTML 18Page - Sipex Corporation SP3223EBEP Datasheet HTML 19Page - Sipex Corporation SP3223EBEP Datasheet HTML 20Page - Sipex Corporation SP3223EBEP Datasheet HTML 21Page - Sipex Corporation SP3223EBEP Datasheet HTML 22Page - Sipex Corporation SP3223EBEP Datasheet HTML 23Page - Sipex Corporation SP3223EBEP Datasheet HTML 24Page - Sipex Corporation SP3223EBEP Datasheet HTML 25Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 25 / 25 page
background image
25
Date: 6/2/04
SP3223EB/3243EB +3.0V to +5.5V RS-232 Transceivers
© Copyright 2004 Sipex Corporation
Part Number
Temperature Range
Package Types
SP3223EBCP .................................................... 0°C to +70°C -------------------------------------------- 20-pin PDIP
SP3223EBCA .................................................... 0°C to +70°C ------------------------------------------- 20-pin SSOP
SP3223EBCA/TR .............................................. 0°C to +70°C ------------------------------------------- 20-pin SSOP
SP3223EBCY .................................................... 0°C to +70°C ----------------------------------------- 20-pin TSSOP
SP3223EBCY/TR .............................................. 0°C to +70°C ----------------------------------------- 20-pin TSSOP
SP3223EBEP .................................................. -40°C to +85°C ------------------------------------------- 20-pin PDIP
SP3223EBEA .................................................. -40°C to +85°C ------------------------------------------ 20-pin SSOP
SP3223EBEA/TR ............................................ -40°C to +85°C ------------------------------------------ 20-pin SSOP
SP3223EBEY .................................................. -40°C to +85°C ---------------------------------------- 20-pin TSSOP
SP3223EBEY/TR ............................................ -40°C to +85°C ---------------------------------------- 20-pin TSSOP
SP3243EBCT .................................................... 0°C to +70°C ----------------------------------------- 28-pin WSOIC
SP3243EBCT/TR .............................................. 0°C to +70°C ----------------------------------------- 28-pin WSOIC
SP3243EBCA .................................................... 0°C to +70°C ------------------------------------------- 28-pin SSOP
SP3243EBCA/TR .............................................. 0°C to +70°C ------------------------------------------- 28-pin SSOP
SP3243EBCY ................................................... -0°C to +70°C ----------------------------------------- 28-pin TSSOP
SP3243EBCY/TR ............................................. -0°C to +70°C ----------------------------------------- 28-pin TSSOP
SP3243EBCR ................................................... -0°C to +70°C --------------------------------------------- 32-pin QFN
SP3243EBCR/TR ............................................. -0°C to +70°C --------------------------------------------- 32-pin QFN
SP3243EBET .................................................. -40°C to +85°C ---------------------------------------- 28-pin WSOIC
SP3243EBET/TR ............................................ -40°C to +85°C ---------------------------------------- 28-pin WSOIC
SP3243EBEA .................................................. -40°C to +85°C ------------------------------------------ 28-pin SSOP
SP3243EBEA/TR ............................................ -40°C to +85°C ------------------------------------------ 28-pin SSOP
SP3243EBEY .................................................. -40°C to +85°C ---------------------------------------- 28-pin TSSOP
SP3243EBEY/TR ............................................ -40°C to +85°C ---------------------------------------- 28-pin TSSOP
Corporation
ANALOG EXCELLENCE
Sipex Corporation reserves the right to make changes to any products described herein. Sipex does not assume any liability arising out of the
application or use of any product or circuit described herein; neither does it convey any license under its patent rights nor the rights of others.
Sipex Corporation
Headquarters and
Sales Office
233 South Hillview Drive
Milpitas, CA 95035
TEL: (408) 934-7500
FAX: (408) 935-7600
Available in lead free packaging. To order add "-L" suffix to part number.
Example: SP3243EBCY/TR = standard; SP3243EBCY-L/TR = lead free
/TR = Tape and Reel
Pack quantity is 1,500 for SSOP, TSSOP and WSOIC.
ORDERING INFORMATION
DATE
REVISION
DESCRIPTION
6/2/04
A
Replaced QFN package with QFN.
REVISION HISTORY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com