công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM1771TMM/NOPB bảng dữ liệu(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LM1771TMM/NOPB
Giải thích chi tiết về linh kiện  Low-Voltage Synchronous Buck Controller
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM1771TMM/NOPB bảng dữ liệu(HTML) 13 Page - Texas Instruments

Back Button LM1771TMM/NOPB Datasheet HTML 9Page - Texas Instruments LM1771TMM/NOPB Datasheet HTML 10Page - Texas Instruments LM1771TMM/NOPB Datasheet HTML 11Page - Texas Instruments LM1771TMM/NOPB Datasheet HTML 12Page - Texas Instruments LM1771TMM/NOPB Datasheet HTML 13Page - Texas Instruments LM1771TMM/NOPB Datasheet HTML 14Page - Texas Instruments LM1771TMM/NOPB Datasheet HTML 15Page - Texas Instruments LM1771TMM/NOPB Datasheet HTML 16Page - Texas Instruments LM1771TMM/NOPB Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
VOUT
D =
VIN
FB
VIN
VIN
LM1771
VOUT
HG
LG
GND
COUT
Q1
CIN
Q2
RFB1
RSNS
L1
EN
EN
RFB2
CFF
LM1771
www.ti.com
SNVS446D – JUNE 2006 – REVISED JANUARY 2016
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers must
validate and test their design implementation to confirm system functionality.
8.1 Application Information
Design Guide details the design procedure to follow for the typical application. Because of the nature of constant
ON-time controller, a certain degree of iteration might be necessary on the sizing of some key components to
achieve optimal response, such as the inductor L1.
8.2 Typical Applications
8.2.1 LM1771 Typical Application
Figure 19. Example Circuit Schematic
8.2.1.1 Design Requirements
The main parameters needed to successfully design an application based on the LM1171 are typical of buck
DC–DC converters. The input and output voltage must be known as well as the worst-case input voltage
operating conditions. The maximum output current helps the designer size the inductor appropriately. In addition,
the designer needs to be aware of the requirement on the output capacitor to achieve stable operation. See
Output Capacitor for details on the output capacitor requirements.
8.2.1.2 Detailed Design Procedure
8.2.1.2.1
Design Guide
As with any DC–DC converter, numerous trade-offs are possible to optimize the design for efficiency, size, or
performance. These are taken into account and highlighted throughout this discussion.
Equation 7 calculates for any buck converter is duty-cycle. Ignoring conduction losses associated with the FETs
and parasitic resistances it can be approximated by:
(7)
A more accurate calculation for duty-cycle can be used that takes into account the voltage drops across the
FETs. Equation 8 determines the slight load dependency on switch frequency if needed. Otherwise the simplified
equation works well for component calculation.
Copyright © 2006–2016, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM1771



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com