| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
54LS20 bảng dữ liệu(PDF) 1 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
54LS20 bảng dữ liệu(HTML) 1 Page - National Semiconductor (TI) |
|
1 / 6 page ![]() TLF6355 June 1989 54LS20DM54LS20DM74LS20 Dual 4-Input NAND Gates General Description This device contains two independent gates each of which performs the logic NAND function Features Y Alternate MilitaryAerospace device (54LS20) is avail- able Contact a National Semiconductor Sales Office Distributor for specifications Connection Diagram Dual-In-Line Package TLF6355 – 1 Order Number 54LS20DMQB 54LS20FMQB 54LS20LMQB DM54LS20J DM54LS20W DM74LS20M or DM74LS20N See NS Package Number E20A J14A M14A N14A or W14B Function Table Y e ABCD Inputs Output AB C D Y XX X L H XX L X H XL X X H LX X X H HH H H L H e High Logic Level L e Low Logic Level X e Either Low or High Logic Level C1995 National Semiconductor Corporation RRD-B30M105Printed in U S A |
Số phần tương tự - 54LS20 |
|
Mô tả tương tự - 54LS20 |