| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TLE4276DV bảng dữ liệu(PDF) 3 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
TLE4276DV bảng dữ liệu(HTML) 3 Page - Infineon Technologies AG |
|
3 / 19 page ![]() TLE 4276 Data Sheet Version 2.2 3 2000-10-11 Figure 1 Pin Configuration (top view) Pin Definitions and Functions Pin No. Symbol Function 1 I Input; block to ground directly at the IC with a ceramic capacitor. 2INH Inhibit; low-active input 3GND Ground 4N.C. VA Not connected for V50, V85, V10 Voltage Adjust Input; only for adjustable version connect an external voltage divider to determine the output voltage. 5Q Output; block to ground with a capacitor of C ∫ 22 ←F, ESR ∫ 3 τ= at 10 kHz. Q Ι GND N.C. INH 1 5 AEP02041 (VA) GND Ι INH (VA) AEP02042 N.C. Q 1 5 P-TO220-5-43 P-TO220-5-122 P-TO220-5-3 P-TO252-5-1 AEP02560 15 INH Ι N.C. Q (VA) GND 1 5 GND INH Ι AEP02043 N.C. (VA) Q |