| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TLE4276 bảng dữ liệu(PDF) 17 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
TLE4276 bảng dữ liệu(HTML) 17 Page - Infineon Technologies AG |
|
17 / 19 page ![]() TLE 4276 Data Sheet Version 2.2 17 2000-10-11 1) Shear and punch direction no burrs this surface 2.4 4.4 0.1 1) 1.7 4 x 1.7 = 6.8 9.9 8 6.6 7.5 A +0.1 -0.03 0.8 A 0.25 M B 0 ... 0.15 B 1.3 -0.02 +0.1 0.5 +0.15 B 0.1 0.05 5 +3 Back side, heatsink contour All metal surfaces tin plated, except area of cut P-TO220-5-122 (Plastic Transistor Single Outline) Sorts of Packing Package outlines for tubes, trays etc. are contained in our Data Book “Package Information”. Dimensions in mm SMD = Surface Mounted Device |