| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ES237 bảng dữ liệu(PDF) 21 Page - Cyrustek corporation |
|
|
|||||||||||||||||||||||||||||
ES237 bảng dữ liệu(HTML) 21 Page - Cyrustek corporation |
|
21 / 37 page ![]() V 2.2 21 2015/12/15 ES237 6000 Counts DMM 3. Push Function All the enabled push functions will be reset when the measurement mode is changed when FC1-FC5 modes are changed. The following table lists the available function versus every measurement mode. Note: 1 Include automatic μA, automatic mA and manual A modes, please refer to section 1.4. 2Include 2 automatic modes and 4 manual modes, please refer to section 1.5. 3When clamp-meter DCA mode is selected, the REL function will be changed to ZERO function operation automatically. 4Only auto range temperature mode is available. 5When RS232 (pin99) is pulled to V-, push REL key and lasts for 2 seconds will active the UART output. HZ MMX REL/RS232 5 BKLIT KEY HOLD RANGE Voltage mode AC O O O O O O mV mode AC O O O O O X 1Current Mode for Multimeter AC O O O O O O 2Current Mode for Clampmeter AC O O 3 O O O X Resistance X O O O O O O Continuity X O O O O O X Diode mode X O O O O O X Frequency O X O O X O O Capacitance X O O O X O O Temperature X O O O O O O 4 Scan RSDC X X O O O O X EF Mode X X O O X X X ADP mode X O O O X O X |