| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AD9993-EBZ bảng dữ liệu(PDF) 36 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9993-EBZ bảng dữ liệu(HTML) 36 Page - Analog Devices |
|
36 / 56 page ![]() AD9993 Data Sheet Rev. A | Page 36 of 56 8-BIT SEED MSB OF PRBS GENERATOR FOR LANE 1 REGISTER Address: 0x021, Reset: 0x02, Name: PRBS1_SEED_MSB Table 23. Bit Descriptions for PRBS1_SEED_MSB Bits Bit Name Description Reset Access [7:0] DP_PRBS1_SEED_MSB 8-bit MSB seed of PRBS generator in Lane 1 (ADC indexed.) The 15-bit LSB is always 0x3AFF. 0x2 RW 8-BIT SEED MSB OF PRBS GENERATOR FOR LANE 2 REGISTER Address: 0x022, Reset: 0x03, Name: PRBS2_SEED_MSB Table 24. Bit Descriptions for PRBS2_SEED_MSB Bits Bit Name Description Reset Access [7:0] DP_PRBS2_SEED_MSB 8-bit MSB seed of PRBS generator in Lane 2 (ADC indexed). The 15-bit LSB is always 0x3AFF. 0x3 RW 8-BIT SEED MSB OF PRBS GENERATOR FOR LANE 3 REGISTER Address: 0x023, Reset: 0x04, Name: PRBS3_SEED_MSB Table 25. Bit Descriptions for PRBS3_SEED_MSB Bits Bit Name Description Reset Access [7:0] DP_PRBS3_SEED_MSB 8-bit MSB seed of PRBS generator in Lane 3 (ADC indexed). The 15-bit LSB is always 0x3AFF. 0x4 RW |