| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TL7702B bảng dữ liệu(PDF) 3 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TL7702B bảng dữ liệu(HTML) 3 Page - Texas Instruments |
|
3 / 17 page ![]() Supply voltage Supervisor TL77xx Series iii Contents 1. Introduction ............................................................................................................................1 2. Circuit Description..................................................................................................................2 3. Application examples.............................................................................................................5 4. Design Tips..........................................................................................................................12 5. Summary .............................................................................................................................14 List of Figures 1 Reset circuit .................................................................................................................................1 2 Functional Diagram......................................................................................................................3 3 Diagram for Calculation of C t ....................................................................................................... 3 4 Timing diagram ............................................................................................................................4 5 TL7705A in 5 Volt Microcomputer Applications ...........................................................................6 6 Voltage Supervision of a multiple power supply ..........................................................................6 7 Typical Trigger Sensitivity at the SENSE input of the voltage monitor TL7705A.........................7 8 Circuit for Reduced Trigger Sensitivity ........................................................................................8 9 Modified Output Circuit ................................................................................................................9 10 Circuit Diagram for Data Protection in a battery buffered memory ............................................10 11 Typical Variation of the Reference Voltage V ref versus supply Voltage Variations ..................... 10 12 Typical Variation of the Reference Voltage V ref versus Ambient Temperature Variations ......... 11 13 Buffered Circuit for the Reference Voltage ................................................................................12 14 Printed Circuit Layout for the supply voltage supervisor ...........................................................13 15 Series Resistor at the C t input of the TL770xB .......................................................................... 14 |