| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
54FCT273F bảng dữ liệu(PDF) 5 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
54FCT273F bảng dữ liệu(HTML) 5 Page - National Semiconductor (TI) |
|
5 / 8 page ![]() AC Loading DS100956-4 *Includes jig and probe capacitance FIGURE 1. Standard AC Test Load DS100956-5 FIGURE 2. Propagation Delay, Pulse Width Waveforms DS100956-6 FIGURE 3. V M = 1.5V Input Pulse Requirements Amplitude Rep. Rate t w t r t f 3.0V 1 MHz 500 ns 2.5 ns 2.5 ns FIGURE 4. Test Input Signal Requirements DS100956-8 FIGURE 5. Propagation Delay Waveforms for Inverting and Non-Inverting Functions DS100956-9 FIGURE 6. Setup Time, Hold Time and Recovery Time Waveforms www.national.com 5 |