công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CLC409 bảng dữ liệu(PDF) 10 Page - Texas Instruments

tên linh kiện CLC409
Giải thích chi tiết về linh kiện  Very Wideband, Low Distortion Monolithic Op Amp
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

CLC409 bảng dữ liệu(HTML) 10 Page - Texas Instruments

Back Button CLC409 Datasheet HTML 4Page - Texas Instruments CLC409 Datasheet HTML 5Page - Texas Instruments CLC409 Datasheet HTML 6Page - Texas Instruments CLC409 Datasheet HTML 7Page - Texas Instruments CLC409 Datasheet HTML 8Page - Texas Instruments CLC409 Datasheet HTML 9Page - Texas Instruments CLC409 Datasheet HTML 10Page - Texas Instruments CLC409 Datasheet HTML 11Page - Texas Instruments CLC409 Datasheet HTML 12Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
OBSOLETE
CLC409
SNOS853E – AUGUST 2000 – REVISED APRIL 2013
www.ti.com
The two input bias currents are physically unrelated in both magnitude and polarity for the current feedback
topology. It is not possible, therefore, to cancel their effects by matching the source impedance for the two inputs
(as is commonly done for matched input bias current devices).
The total output noise is computed in a similar fashion to output offset voltage. Using the input noise voltage and
two input noise currents, the output noise is developed through the same gain equations for each term but
combined as the square root of the sum of squared contributing elements. See Application Note OA-12 for a full
discussion of noise calculations for current feedback amplifiers.
Printed Circuit Layout
As with any high speed component, a careful attention to the board layout is necessary for optimum
performance. Evaluation PC boards (CLC730013-DIP, CLC730027-SOIC, and CLC730068-SOT) for the CLC409
are available. This additional supply bypassing capacitor, Css, can easily be added to the board if desired.
Further layout suggestions can be found in Application Note OA-15.
10
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: CLC409



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com