công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

S3C4530A bảng dữ liệu(PDF) 34 Page - Samsung semiconductor

tên linh kiện S3C4530A
Giải thích chi tiết về linh kiện  16/32-bit RISC microcontroller is a cost-effective, high-performance microcontroller
PDF  432 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SAMSUNG [Samsung semiconductor]
Trang chủ  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S3C4530A bảng dữ liệu(HTML) 34 Page - Samsung semiconductor

Back Button S3C4530A Datasheet HTML 30Page - Samsung semiconductor S3C4530A Datasheet HTML 31Page - Samsung semiconductor S3C4530A Datasheet HTML 32Page - Samsung semiconductor S3C4530A Datasheet HTML 33Page - Samsung semiconductor S3C4530A Datasheet HTML 34Page - Samsung semiconductor S3C4530A Datasheet HTML 35Page - Samsung semiconductor S3C4530A Datasheet HTML 36Page - Samsung semiconductor S3C4530A Datasheet HTML 37Page - Samsung semiconductor S3C4530A Datasheet HTML 38Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 432 page
background image
PROGRAMMER'S MODEL
S3C4530A
2-8
Accessing Hi-Registers in THUMB State
In THUMB state, registers R8–R15 (the Hi registers) are not part of the standard register set. However, the
assembly language programmer has limited access to them, and can use them for fast temporary storage.
A value may be transferred from a register in the range R0–R7 (a Lo register) to a Hi register, and from a Hi
register to a Lo register, using special variants of the MOV instruction. Hi register values can also be compared
against or added to Lo register values with the CMP and ADD instructions. For more information, refer to Figure
3-34.
THE PROGRAM STATUS REGISTERS
The ARM7TDMI contains a Current Program Status Register (CPSR), plus five Saved Program Status Registers
(SPSRs) for use by exception handlers. These register
′s functions are:
— Hold information about the most recently performed ALU operation
— Control the enabling and disabling of interrupts
— Set the processor operating mode
The arrangement of bits is shown in Figure 2-6.
N
Z
C
V
.
.
.
.
.
.
I
F
T
M4
M3
M2
M1
M0
31
30
29
28
27
26
25
24
8
7
6
5
4
3
2
1
0
Condition Code Flags
(Reserved)
Control Bits
Overflow
Carry/Borrow/Extend
Zero
Negative/Less Than
Mode bits
State bit
FIQ disable
FRQ disable
Figure 2-6. Program Status Register Format



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com