công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

UT01VS33L bảng dữ liệu(PDF) 13 Page - Aeroflex Circuit Technology

tên linh kiện UT01VS33L
Giải thích chi tiết về linh kiện  UT01VS33L Voltage Supervisor
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AEROFLEX [Aeroflex Circuit Technology]
Trang chủ  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT01VS33L bảng dữ liệu(HTML) 13 Page - Aeroflex Circuit Technology

Back Button UT01VS33L Datasheet HTML 7Page - Aeroflex Circuit Technology UT01VS33L Datasheet HTML 8Page - Aeroflex Circuit Technology UT01VS33L Datasheet HTML 9Page - Aeroflex Circuit Technology UT01VS33L Datasheet HTML 10Page - Aeroflex Circuit Technology UT01VS33L Datasheet HTML 11Page - Aeroflex Circuit Technology UT01VS33L Datasheet HTML 12Page - Aeroflex Circuit Technology UT01VS33L Datasheet HTML 13Page - Aeroflex Circuit Technology UT01VS33L Datasheet HTML 14Page - Aeroflex Circuit Technology UT01VS33L Datasheet HTML 15Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
13
ORDERING INFORMATION
UT01VS33L VOLTAGE SUPERVISOR
Lead Finish: (Notes: 1)
(C) = Gold
Screening Level: (Notes: 2 and 3)
(P) = Prototype Flow
(C) = HiRel Flow (Temperature range -55oC to +125oC)
Case Outline:
(X) = 8-lead Ceramic Flat Package
TID Tolerance:
(-) = None
Device Type
(L) = Active low RESET
Generic part number:
(01VS33)
UT******
*
-
*
*
*
Notes:
1. Lead finish is "C" (Gold) only.
2. Prototype flow per Aeroflex Manufacturing Flows Document. Devices are tested at 25
C only. Lead finish is Gold "C" only. Radiation neither tested nor
guaranteed.
3. HiRel Flow per Aeroflex Manufacturing Flows Document. Radiation neither tested nor guaranteed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15